Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7481ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 5 Page - Analog Devices

  ADT7481ARMZ Datasheet HTML 1Page - Analog Devices ADT7481ARMZ Datasheet HTML 2Page - Analog Devices ADT7481ARMZ Datasheet HTML 3Page - Analog Devices ADT7481ARMZ Datasheet HTML 4Page - Analog Devices ADT7481ARMZ Datasheet HTML 5Page - Analog Devices ADT7481ARMZ Datasheet HTML 6Page - Analog Devices ADT7481ARMZ Datasheet HTML 7Page - Analog Devices ADT7481ARMZ Datasheet HTML 8Page - Analog Devices ADT7481ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADT7481
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Positive Supply Voltage (VDD) to GND
−0.3 V to +3.6 V
D+
−0.3 V to VDD + 0.3 V
D− to GND
−0.3 V to +0.6 V
SCLK, SDATA, ALERT, THERM
−0.3 V to +3.6 V
Input Current, SDATA, THERM
−1 mA to +50 mA
Input Current, D−
±1 mA
ESD Rating, All Pins (Human Body Model)
1500 V
Maximum Junction Temperature (TJMAX)
150°C
Storage Temperature Range
−65°C to +150°C
IR Reflow Peak Temperature
220°C
IR Reflow Peak Temperature for Pb-Free
260°C
Lead Temperature (Soldering 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
10-lead MSOP package:
θJA = 142°C/W.
θJC = 43.74°C/W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com