Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7481ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT7481ARMZ Datasheet HTML 4Page - Analog Devices ADT7481ARMZ Datasheet HTML 5Page - Analog Devices ADT7481ARMZ Datasheet HTML 6Page - Analog Devices ADT7481ARMZ Datasheet HTML 7Page - Analog Devices ADT7481ARMZ Datasheet HTML 8Page - Analog Devices ADT7481ARMZ Datasheet HTML 9Page - Analog Devices ADT7481ARMZ Datasheet HTML 10Page - Analog Devices ADT7481ARMZ Datasheet HTML 11Page - Analog Devices ADT7481ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADT7481
Rev. 0 | Page 8 of 24
422
408
3.0
3.6
VDD (V)
420
418
416
414
412
410
3.1
3.2
3.3
3.4
3.5
DEV 3BC
DEV 2BC
DEV 4BC
Figure 10. Operating Supply Current vs. Voltage
4.4
3.0
3.0
3.6
VDD (V)
4.2
4.0
3.8
3.6
3.4
3.2
3.1
3.2
3.3
3.4
3.5
DEV 3
DEV 2
DEV 4
Figure 11. Standby Supply Current vs. Voltage
35
0
1
1000
FSCL (kHz)
30
25
20
15
10
5
10
100
DEV 2BC
DEV 3BC
DEV 4BC
Figure 12. Standby Supply Current vs. SCLK Frequency
0
5
10
15
25
100
200
300
400
500
600
NOISE FREQUENCY (MHz)
20mV
20
0
100mV
50mV
Figure 13. Temperature Error vs. Common-Mode Noise Frequency
–10
0
20
40
80
100
200
300
400
500
600
NOISE FREQUENCY (MHz)
20mV
60
0
100mV
10
30
70
50
50mV
Figure 14. Temperature Error vs. Differential Mode Noise Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com