Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7481ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADT7481ARMZ Datasheet HTML 15Page - Analog Devices ADT7481ARMZ Datasheet HTML 16Page - Analog Devices ADT7481ARMZ Datasheet HTML 17Page - Analog Devices ADT7481ARMZ Datasheet HTML 18Page - Analog Devices ADT7481ARMZ Datasheet HTML 19Page - Analog Devices ADT7481ARMZ Datasheet HTML 20Page - Analog Devices ADT7481ARMZ Datasheet HTML 21Page - Analog Devices ADT7481ARMZ Datasheet HTML 22Page - Analog Devices ADT7481ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADT7481
Rev. 0 | Page 19 of 24
Remember that some of the ADT7481 registers have different
addresses for read and write operations. The write address of a
register must be written to the address pointer if data is to be
written to that register, but it may not be possible to read data
from that address. The read address of a register must be
written to the address pointer before data can be read from that
register.
ALERT OUTPUT
Pin 8 can be configured as an ALERT output. The ALERT out-
put goes low whenever an out-of-limit measurement is detected,
or if the remote temperature sensor is open circuit. It is an open-
drain output and requires a pull-up. Several ALERT outputs can
be wire-OR’ed together, so that the common line will go low if
one or more of the ALERT outputs goes low.
The ALERT output can be used as an interrupt signal to a
processor, or it may be used as an SMBALERT. Slave devices on
the SMBus cannot normally signal to the bus master that they
want to talk, but the SMBALERT function allows them to do so.
One or more ALERT outputs can be connected to a common
SMBALERT line connected to the master. When the SMBALERT
line is pulled low by one of the devices, the following procedure
occurs as illustrated in Figure 19.
ALERT RESPONSE
ADDRESS
MASTER SENDS
ARA AND READ
COMMAND
DEVICE SENDS
ITS ADDRESS
RD
START
ACK
DEVICE
ADDRESS
NO
ACK
STOP
MASTER
RECEIVES
SMBALERT
Figure 19. Use of SMBALERT
1. SMBALERT is pulled low.
2. Master initiates a read operation and sends the alert response
address (ARA = 0001 100). This is a general call address that
must not be used as a specific device address.
3. The device with a low ALERT output responds to the alert
response address, and the master reads the address from the
responding device. An LSB of 1 is added because the device
address is comprised of seven bits. The address of the device
is now known and it can be interrogated in the usual way.
4. If more than one device has a low ALERT output, the one
with the lowest device address will have priority, in accor-
dance with normal SMBus arbitration.
5. Once the ADT7481 has responded to the alert response
address, it will reset its ALERT output, provided that the
error condition that caused the ALERT no longer exists. If
the SMBALERT line remains low, the master sends the ARA
again, and so on until all devices with low ALERT outputs
respond.
MASKING THE ALERT OUTPUT
The ALERT output can be masked for local, Remote 1, Remote 2
or all three channels. This is done by setting the appropriate
mask bits in either the Configuration 1 register (read address =
0x03, write address = 0x09) or in the consecutive ALERT
register (address = 0x22)
To mask ALERTs due to local temperature, set Bit 5 of the
consecutive ALERT register to 1. Default = 0.
To mask ALERTs due to Remote 1 temperature, set Bit 1 of the
Configuration 1 register to 1. Default = 0.
To mask ALERTs due to Remote 2 temperature, set Bit 0 of the
Configuration 1 register to 1. Default = 0.
To mask ALERTs due to any channel, set Bit 7 of the
Configuration 1 register to 1. Default = 0.
LOW POWER STANDBY MODE
The ADT7481 can be put into low power standby mode by
setting Bit 6 (Mon/STBY bit) of the Configuration 1 register
(Read Address 0x03, Write Address 0x09) to 1. The ADT7481
operates normally when Bit 6 is 0. When Bit 6 is 1, the ADC is
inhibited, and any conversion in progress is terminated without
writing the result to the corresponding value register.
The SMBus is still enabled in low power standby mode. Power
consumption in this standby mode is reduced to a typical of
5 μA if there is no SMBus activity, or up to 30 μA if there are
clock and data signals on the bus.
When the device is in standby mode, it is still possible to initiate
a one-shot conversion of both channels by writing to the one-
shot register (Address 0x0F), after which the device will return
to standby. It does not matter what is written to the one-shot
register, all data written to it is ignored. It is also possible to
write new values to the limit register while in standby mode.
ALERT and THERM are not available in standby mode and,
therefore, should not be used because the state of these pins is
unreliable.
SENSOR FAULT DETECTION
The ADT7481 has internal sensor fault detection circuitry at its
D+ input. This circuit can detect situations where a remote
diode is not connected, or is incorrectly connected, to the
ADT7481. If the voltage at D+ exceeds VDD − 1 V (typical), it
signifies an open circuit between D+ and D−, and consequently,
trips the simple voltage comparator. The output of this compar-
ator is checked when a conversion is initiated. Bit 2 (D1 open
flag) of the Status Register 1 (Address 0x02) is set if a fault is
detected on the Remote 1 channel. Bit 2 (D2 open flag) of the
Status Register 2 (Address 0x23) is set if a fault is detected on
the Remote 2 channel. If the ALERT pin is enabled, setting this
flag will cause ALERT to assert low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com