Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7769AR Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7769AR
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769AR Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7769AR Datasheet HTML 4Page - Analog Devices ADE7769AR Datasheet HTML 5Page - Analog Devices ADE7769AR Datasheet HTML 6Page - Analog Devices ADE7769AR Datasheet HTML 7Page - Analog Devices ADE7769AR Datasheet HTML 8Page - Analog Devices ADE7769AR Datasheet HTML 9Page - Analog Devices ADE7769AR Datasheet HTML 10Page - Analog Devices ADE7769AR Datasheet HTML 11Page - Analog Devices ADE7769AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADE7769
Rev. A | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
6.2k
Ω
V2N
200
Ω
220V
150nF
V2P
200
Ω
602k
Ω
V1P
V1N
350
μΩ
40A TO
40mA
REFIN/OUT
100nF
1
μF
100nF
10
μF
VDD
DGND
F1
F2
CF
REVP
RCLKIN
S0
S1
SCF
10nF
10nF
10nF
U3
PS2501-1
K7
K8
U1
ADE7769
10k
Ω
VDD
200
Ω
200
Ω
150nF
150nF
AGND
150nF
VDD
+
+
+
820
Ω
2
3
5
4
7
6
13
1
16
15
14
12
11
10
9
8
1
4
2
3
Figure 4. Test Circuit for Performance Curves
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
CURRENT CHANNEL (% of Full Scale)
0.1
10
1
100
0.8
1.0
+25
°C
+85
°C
–40
°C
PF = 1
ON-CHIP REFERENCE
Figure 5. Error as a % of Reading over Temperature
with On-Chip Reference (PF = 1)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
CURRENT CHANNEL (% of Full Scale)
0.1
10
1
100
0.8
1.0
+85
°C, PF = 0.5 IND
+25
°C, PF = 1
–40
°C, PF = 0.5 IND
+25
°C, PF = 0.5 IND
PF = 0.5 IND
ON-CHIP REFERENCE
Figure 6. Error as a % of Reading over Temperature
with On-Chip Reference (PF = 0.5 IND)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
CURRENT CHANNEL (% of Full Scale)
0.1
10
1
100
0.8
1.0
+25
°C
+85
°C
–40
°C
PF = 1
EXTERNAL REFERENCE
Figure 7. Error as a % of Reading over Temperature
with External Reference (PF = 1)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
CURRENT CHANNEL (% of Full Scale)
0.1
10
1
100
0.8
1.0
+85
°C, PF = 0.5 IND
+25
°C, PF = 1
+25
°C, PF = 0.5 IND
–40
°C, PF = 0.5 IND
PF = 0.5 IND
EXTERNAL REFERENCE
Figure 8. Error as a % of Reading over Temperature
with External Reference (PF = 0.5 IND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com