Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7769AR Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7769AR
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769AR Datasheet(HTML) 1 Page - Analog Devices

  ADE7769AR Datasheet HTML 1Page - Analog Devices ADE7769AR Datasheet HTML 2Page - Analog Devices ADE7769AR Datasheet HTML 3Page - Analog Devices ADE7769AR Datasheet HTML 4Page - Analog Devices ADE7769AR Datasheet HTML 5Page - Analog Devices ADE7769AR Datasheet HTML 6Page - Analog Devices ADE7769AR Datasheet HTML 7Page - Analog Devices ADE7769AR Datasheet HTML 8Page - Analog Devices ADE7769AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Energy Metering IC with Integrated
Oscillator and No-Load Indication
ADE7769
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
On-chip oscillator as clock source
High accuracy, supports 50 Hz/60 Hz IEC62053-21
Less than 0.1% error over a dynamic range of 500 to 1
Supplies average real power on frequency outputs F1 and F2
High frequency output CF calibrates and supplies
instantaneous real power
CF output remains logic high when ADE7769 is under
no-load threshold
Logic output REVP indicates a potential miswiring or
negative power
Direct drive for electromechanical counters and 2-phase
stepper motors (F1 and F2)
Proprietary ADCs and DSPs provide high accuracy over
large variations in environmental conditions and time
On-chip power supply monitoring
On-chip creep protection (no-load threshold)
On-chip reference 2.45 V (20 ppm/°C typical) with external
overdrive capability
Single 5 V supply, low power (20 mW typical)
Low cost CMOS process
GENERAL DESCRIPTION
The ADE77691 is a high accuracy electrical energy metering IC.
It is a pin reduction version of the ADE7755 with an enhanced,
precise oscillator circuit that serves as a clock source to the chip.
The ADE7769 eliminates the cost of an external crystal or
resonator, thus reducing the overall cost of a meter built with
this IC. The chip directly interfaces with the shunt resistor.
1U.S. Patents 5,745,323; 5,760,617; 5,862,069; 5,872,469; others pending.
The ADE7769 specifications surpass the accuracy require-
ments of the IEC62053-21 standard. The AN-679 Application
Note can be used as a basis for a description of an IEC61036
(equivalent to IEC62053-21) low cost, watt-hour meter
reference design.
The only analog circuitry used in the ADE7769 is in the Σ-Δ
ADCs and reference circuit. All other signal processing, such as
multiplication and filtering, is carried out in the digital domain.
This approach provides superior stability and accuracy over
time and extreme environmental conditions.
The ADE7769 supplies average real power information on the
low frequency outputs, F1 and F2. These outputs can be used to
directly drive an electromechanical counter or interface with an
MCU. The high frequency CF logic output, ideal for calibration
purposes, provides instantaneous real power information.
The ADE7769 includes a power supply monitoring circuit on
the VDD supply pin. The ADE7769 remains inactive until the
supply voltage on VDD reaches approximately 4 V. If the supply
falls below 4 V, the ADE7769 also remains inactive and the F1,
F2, and CF outputs are in their nonactive modes.
Internal phase matching circuitry ensures that the voltage and
current channels are phase matched, while the HPF in the
current channel eliminates dc offsets. An internal no-load
threshold ensures that the ADE7769 does not exhibit creep
when no load is present. During a no-load condition, the CF
pin stays logic high.
The ADE7769 has a 16-lead, narrow body SOIC package.
FUNCTIONAL BLOCK DIAGRAM
MULTIPLIER
REVP
V2P
V2N
V1P
RCLKIN
REFIN/OUT
F1
F2
CF
SCF
S0
S1
PHASE
CORRECTION
4k
Ω
...110101...
SIGNAL
PROCESSING
BLOCK
POWER
SUPPLY MONITOR
Σ-Δ
ADC
V1N
ADE7769
...11011001...
2.5V
REFERENCE
VDD
AGND
DGND
Φ
INTERNAL
OSCILLATOR
Σ-Δ
ADC
LPF
HPF
+
+
1
6
13
7
11
8
10
12
14
16
15
9
DIGITAL-TO-FREQUENCY
CONVERTER
2
3
4
5
Figure 1.


Similar Part No. - ADE7769AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
More results

Similar Description - ADE7769AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
Energy Metering IC with Integrated Oscillator
ADE7762 AD-ADE7762 Datasheet
856Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
AD71056 AD-AD71056 Datasheet
412Kb / 20P
Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
Aug-2006
ADE7768 AD-ADE7768 Datasheet
404Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
8/05-Sp0 to Rev. A
AD71056 AD-AD71056_15 Datasheet
413Kb / 20P
Energy Metering IC with Integrated Oscillator and Reverse Polarity Indication
REV. A
ADE7757 AD-ADE7757_15 Datasheet
218Kb / 16P
Energy Metering IC with Integrated Oscillator
REV. A
ADE7762 AD-ADE7762_15 Datasheet
424Kb / 28P
Polyphase Energy Metering IC with Phase Drop Indication
REV. 0
ADE7768 AD-ADE7768_15 Datasheet
405Kb / 20P
Energy Metering IC with Integrated Oscillator and Positive Power Accumulation
REV. A
ADE7769 AD-ADE7769_15 Datasheet
385Kb / 20P
Energy Metering IC with Integrated Oscillator and No-Load Indication
REV. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com