Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7769AR Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7769AR
Description  Energy Metering IC with Integrated Oscillator and No-Load Indication
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7769AR Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7769AR Datasheet HTML 6Page - Analog Devices ADE7769AR Datasheet HTML 7Page - Analog Devices ADE7769AR Datasheet HTML 8Page - Analog Devices ADE7769AR Datasheet HTML 9Page - Analog Devices ADE7769AR Datasheet HTML 10Page - Analog Devices ADE7769AR Datasheet HTML 11Page - Analog Devices ADE7769AR Datasheet HTML 12Page - Analog Devices ADE7769AR Datasheet HTML 13Page - Analog Devices ADE7769AR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADE7769
Rev. A | Page 10 of 20
FUNCTIONAL DESCRIPTION
THEORY OF OPERATION
The two ADCs in the ADE7769 digitize the voltage signals from
the current and voltage sensors. These ADCs are 16-bit Σ-Δs
with an oversampling rate of 450 kHz. This analog input
structure greatly simplifies sensor interfacing by providing a
wide dynamic range for direct connection to the sensor and by
simplifying the antialiasing filter design. A high-pass filter in
the current channel removes any dc component from the
current signal. This eliminates any inaccuracies in the real
power calculation due to offsets in the voltage or current
signals.
The real power calculation is derived from the instantaneous
power signal. The instantaneous power signal is generated by
a direct multiplication of the current and voltage signals. To
extract the real power component (the dc component), the
instantaneous power signal is low-pass filtered. Figure 15
illustrates the instantaneous real power signal and shows how
the real power information can be extracted by low-pass
filtering the instantaneous power signal. This scheme correctly
calculates real power for sinusoidal current and voltage
waveforms at all power factors. All signal processing is carried
out in the digital domain for superior stability over temperature
and time.
TIME
TIME
ADC
ADC
CH1
CH2
MULTIPLIER
F1
F2
DIGITAL-TO-
FREQUENCY
CF
DIGITAL-TO-
FREQUENCY
INSTANTANEOUS REAL
POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL – p(t)
LPF
HPF
Figure 15. Signal Processing Block Diagram
The low frequency outputs (F1 and F2) are generated by
accumulating this real power information. This low frequency
inherently means a long accumulation time between output
pulses. Consequently, the resulting output frequency is propor-
tional to the average real power. This average real power
information is then accumulated (by a counter) to generate real
energy information. Conversely, due to its high output frequen-
cy and shorter integration time, the CF output frequency is
proportional to the instantaneous real power. This is useful for
system calibration, which can be done faster under steady load
conditions.
Power Factor Considerations
The method used to extract the real power information from
the instantaneous power signal, that is, by low-pass filtering, is
still valid even when the voltage and current signals are not in
phase. Figure 16 shows the unity power factor condition and a
displacement power factor (DPF) = 0.5, that is, current signal
lagging the voltage by 60°. Assuming that the voltage and
current waveforms are sinusoidal, the real power component of
the instantaneous power signal (that is, the dc term) is given by
( °
×
⎛ ×
60
cos
2
I
V
)
(1)
This is the correct real power calculation.
V
× I
2
0V
POWER
CURRENT
VOLTAGE
POWER
TIME
TIME
VOLTAGE
CURRENT
V
× I
2
COS (60
°)
0V
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS REAL
POWER SIGNAL
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS REAL
POWER SIGNAL
60
°
Figure 16. DC Component of Instantaneous Power Signal Conveys
Real Power Information, PF < 1
Nonsinusoidal Voltage and Current
The real power calculation method also holds true for
nonsinusoidal current and voltage waveforms. All voltage
and current waveforms in practical applications have some
harmonic content. Using the Fourier transform, instantaneous
voltage and current waveforms can be expressed in terms of
their harmonic content.
(
h
0
h
h
0
α
t
V
V
t
v
+
×
×
+
=
sin
2
)
(
)
(2)
where:
v(t) is the instantaneous voltage.
V0 is the average value.
Vh is the rms value of voltage harmonic h.
αh is the phase angle of the voltage harmonic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com