Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5320 Datasheet(PDF) 50 Page - Applied Micro Circuits Corporation

Part # CS5320
Description  PCI Match Maker, 3.3V
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5320 Datasheet(HTML) 50 Page - Applied Micro Circuits Corporation

Back Button CS5320 Datasheet HTML 46Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 47Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 48Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 49Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 50Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 51Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 52Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 53Page - Applied Micro Circuits Corporation CS5320 Datasheet HTML 54Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 160 page
background image
S5320 – PCI Match Maker: PCI Configuration Registers
50
DS1656
AMCC Confidential and Proprietary
Revision 5.03 – June 14, 2006
Data Sheet
Subsystem Vendor Identification Register (SVID)
This register is used to uniquely identify the user board
or subsystem. It provides a mechanism for add-in card
vendors to distinguish devices with the same Vendor
ID and Device ID. Implementation of this register is
mandatory for 2.2 compliance and an all-zero value
indicates that the device does not support subsystem
identification. Subsystem Vendor IDs may be obtained
directly from the PCI SIG by the user and it is loaded
by the S5320 from the external nvRAM at power up.
Figure 18. Subsystem Vendor Identification Register
Register Name:
Subsystem Vendor ID
Address Offset:
2Ch-2Dh
Power-up value:
0000h
Boot-load:
External nvRAM offset 6Ch-6Dh
Attribute:
Read Only (RO)
Size:
16 bits
Bit
Description
15:0
Subsystem Vendor Identification Number.
0000h
0
15
Subsystem Vendor Identification Register (RO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com