Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8563 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8563
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8563 Datasheet(HTML) 5 Page - Analog Devices

  AD8563 Datasheet HTML 1Page - Analog Devices AD8563 Datasheet HTML 2Page - Analog Devices AD8563 Datasheet HTML 3Page - Analog Devices AD8563 Datasheet HTML 4Page - Analog Devices AD8563 Datasheet HTML 5Page - Analog Devices AD8563 Datasheet HTML 6Page - Analog Devices AD8563 Datasheet HTML 7Page - Analog Devices AD8563 Datasheet HTML 8Page - Analog Devices AD8563 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Preliminary Technical Data
AD8563
Rev. PrA | Page 5 of 15
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Ratings
Supply Voltage
6 V
Input Voltage
+VSUPPLY
Differential Input Voltage1
±VSUPPLY
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range (RM Package)
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range (RM Package)
−65°C to +150°C
Lead Temperature Range (Soldering, 10 sec)
300°C
1 Differential input voltage is limited to ±5.0 V, the supply voltage, or
whichever is less.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θ JA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4.
Package Type
θJA1
θJC
Unit
10-Lead MSOP (RM)
110
32.2
°C/W
1 θJA is specified for the nominal conditions, that is, θJA is specified for the
device soldered on a circuit board.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com