Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8563 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8563
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8563 Datasheet(HTML) 1 Page - Analog Devices

  AD8563 Datasheet HTML 1Page - Analog Devices AD8563 Datasheet HTML 2Page - Analog Devices AD8563 Datasheet HTML 3Page - Analog Devices AD8563 Datasheet HTML 4Page - Analog Devices AD8563 Datasheet HTML 5Page - Analog Devices AD8563 Datasheet HTML 6Page - Analog Devices AD8563 Datasheet HTML 7Page - Analog Devices AD8563 Datasheet HTML 8Page - Analog Devices AD8563 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.8 V to 5 V Auto-Zero,
In-Amp with Shutdown
Preliminary Technical Data
AD8563
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 25 μV max
Low input offset drift: 0.1 μV/°C max
High CMR: 120 dB min @ G = 100
Low noise: 0.7 μV p-p from 0.01 Hz to 10 Hz
Wide gain range: 1 to 10,000
Single-supply operation: +2.7 V to +5.5 V
Rail-to-rail output
Shutdown capability
−40°C to +125°C operation
APPLICATIONS
Strain gauge
Weigh scales
Pressure sensors
Laser diode control loops
Portable medical instruments
Thermocouple amplifiers
PIN CONFIGURATION
Figure 1. 10-Lead MSOP
GENERAL DESCRIPTION
The AD85631 is a precision instrumentation amplifier featuring
low noise, rail-to-rail output and a power-saving shutdown
mode. The AD8563 also features low offset voltage and drift
coupled with high common-mode rejection. In shutdown
mode, the total supply current is reduced to less than 4 μA.
The AD8563 is capable of operating from 2.7 V to 5.5 V.
With a low offset voltage of 30 μV, an offset voltage drift of
0.5 μV/°C, and a voltage noise of only 1 μV p-p (0.01 Hz to
10 Hz), the AD8563 is ideal for applications where error sources
cannot be tolerated. Precision instrumentation, position and
pressure sensors, medical instrumentation, and strain gauge
amplifiers benefit from the low noise, low input bias current,
and high common-mode rejection. The small footprint and low
cost are ideal for high volume applications.
The small package and low power consumption allow
maximum channel density and minimum board size for
space-critical equipment and portable systems.
The AD8563 is specified over the industrial temperature range
from −40°C to +125°C. The AD8563 is available in a Pb-free,
10-lead MSOP.
1 Patent pending.
RGB
10
VINN
9
GND
8
VREF
7
6
AD8563
TOP VIEW
(Not to Scale)
ENABLE
RGA 1
VINP 2
VCC 3
VO 4
VFB 5


Similar Part No. - AD8563

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8563 AD-AD8563_15 Datasheet
188Kb / 15P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
More results

Similar Description - AD8563

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
Analog Devices
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
AD8553 AD-AD8553 Datasheet
334Kb / 20P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553 AD-AD8553_15 Datasheet
334Kb / 20P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. A
AD8563 AD-AD8563_15 Datasheet
188Kb / 15P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
logo
Texas Instruments
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
logo
Analog Devices
AD8553 AD-AD8553_16 Datasheet
383Kb / 21P
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com