Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8563 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8563
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8563 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8563 Datasheet HTML 7Page - Analog Devices AD8563 Datasheet HTML 8Page - Analog Devices AD8563 Datasheet HTML 9Page - Analog Devices AD8563 Datasheet HTML 10Page - Analog Devices AD8563 Datasheet HTML 11Page - Analog Devices AD8563 Datasheet HTML 12Page - Analog Devices AD8563 Datasheet HTML 13Page - Analog Devices AD8563 Datasheet HTML 14Page - Analog Devices AD8563 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AD8563
Preliminary Technical Data
Rev. PrA | Page 12 of 15
LOGIC
2
1
9
10
4
3
8
5
AD8553
_
+
6
7
R1
R2
R3
100Ω
C2
2
1
9
10
4
3
8
5
AD8553
_
+
6
7
R6
R7
R8
100Ω
1µF
C3
VS+
2
1
9
10
4
3
8
5
AD8553
_
+
6
7
R11
R12
R13
100Ω
C4
VS+
VOUT
VS+
VS–
VREF
VREF
VREF
Figure 9. Multiplexed Output
Table 5. Recommended External Component Values for Selected Gains
Desired Gain (V/V)
R1 (Ω)
R2 || C2 (Ω || F)
Calculated Gain
1
200 k
100 k || 1200p
1
2
100 k
100 k || 1200p
2
5
40.2 k
100 k || 1200p
4.975
10
20 k
100 k || 1200p
10
50
4.02 k
100 k || 1200p
49.75
100
3.92 k
196 k || 560p
100
500
3.92 k
976 k || 120p
497.95
1000
3.92 k
1.96 M || 56p
1000
AD8563
AD8563
AD8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com