| Electronic Components Datasheet Search |
|
DSP56321RM Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56321RM Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 84 page ![]() DSP56321 Technical Data, Rev. 11 1-12 Freescale Semiconductor Signals/Connections 1.9 Serial Communication Interface (SCI) The SCI provides a full duplex port for serial communication with other DSPs, microprocessors, or peripherals such as modems. SCK1 PD3 Input/Output Input or Output Ignored Input Serial Clock—Provides the serial bit rate clock for the ESSI. The SCK1 is a clock input or output used by both the transmitter and receiver in synchronous modes or by the transmitter in asynchronous modes. Although an external serial clock can be independent of and asynchronous to the DSP system clock, it must exceed the minimum clock cycle time of 6T (that is, the system clock frequency must be at least three times the external ESSI clock frequency). The ESSI needs at least three DSP phases inside each half of the serial clock. Port D 3—The default configuration following reset is GPIO input PD3. When configured as PD3, signal direction is controlled through the Port D Direction Register. The signal can be configured as an ESSI signal SCK1 through the Port D Control Register. SRD1 PD4 Input Input or Output Ignored Input Serial Receive Data—Receives serial data and transfers the data to the ESSI Receive Shift Register. SRD1 is an input when data is being received. Port D 4—The default configuration following reset is GPIO input PD4. When configured as PD4, signal direction is controlled through the Port D Direction Register. The signal can be configured as an ESSI signal SRD1 through the Port D Control Register. STD1 PD5 Output Input or Output Ignored Input Serial Transmit Data—Transmits data from the Serial Transmit Shift Register. STD1 is an output when data is being transmitted. Port D 5—The default configuration following reset is GPIO input PD5. When configured as PD5, signal direction is controlled through the Port D Direction Register. The signal can be configured as an ESSI signal STD1 through the Port D Control Register. Notes: 1. In the Stop state, the signal maintains the last state as follows: • If the last state is input, the signal is an ignored input. • If the last state is output, these lines have weak keepers that maintain the last output state even if the drivers are tri-stated. 2. The Wait processing state does not affect the signal state. Table 1-13. Serial Communication Interface Signal Name Type State During Reset1,2 Signal Description RXD PE0 Input Input or Output Ignored Input Serial Receive Data—Receives byte-oriented serial data and transfers it to the SCI Receive Shift Register. Port E 0—The default configuration following reset is GPIO input PE0. When configured as PE0, signal direction is controlled through the Port E Direction Register. The signal can be configured as an SCI signal RXD through the Port E Control Register. TXD PE1 Output Input or Output Ignored Input Serial Transmit Data—Transmits data from the SCI Transmit Data Register. Port E 1—The default configuration following reset is GPIO input PE1. When configured as PE1, signal direction is controlled through the Port E Direction Register. The signal can be configured as an SCI signal TXD through the Port E Control Register. Table 1-12. Enhanced Serial Synchronous Interface 1 (Continued) Signal Name Type State During Reset1,2 Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |