| Electronic Components Datasheet Search |
|
DSP56321RM Datasheet(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSP56321RM Datasheet(HTML) 20 Page - NXP Semiconductors |
|
20 / 84 page ![]() DSP56321 Technical Data, Rev. 11 1-14 Freescale Semiconductor Signals/Connections 1.11 JTAG and OnCE Interface The DSP56300 family and in particular the DSP56321 support circuit-board test strategies based on the IEEE® Std. 1149.1™ test access port and boundary scan architecture, the industry standard developed under the sponsorship of the Test Technology Committee of IEEE and the JTAG. The OnCE module provides a means to interface nonintrusively with the DSP56300 core and its peripherals so that you can examine registers, memory, or on-chip peripherals. Functions of the OnCE module are provided through the JTAG TAP signals. For programming models, see the chapter on debugging support in the DSP56300 Family Manual. Table 1-15. JTAG/OnCE Interface Signal Name Type State During Reset Signal Description TCK Input Input Test Clock—A test clock input signal to synchronize the JTAG test logic. TDI Input Input Test Data Input—A test data serial input signal for test instructions and data. TDI is sampled on the rising edge of TCK and has an internal pull-up resistor. TDO Output Tri-stated Test Data Output—A test data serial output signal for test instructions and data. TDO is actively driven in the shift-IR and shift-DR controller states. TDO changes on the falling edge of TCK. TMS Input Input Test Mode Select—Sequences the test controller’s state machine. TMS is sampled on the rising edge of TCK and has an internal pull-up resistor. TRST Input Input Test Reset—Initializes the test controller asynchronously. TRST has an internal pull-up resistor. TRST must be asserted during and after power-up (see EB610/D for details). DE Input/ Output Input Debug Event—As an input, initiates Debug mode from an external command controller, and, as an open-drain output, acknowledges that the chip has entered Debug mode. As an input, DE causes the DSP56300 core to finish executing the current instruction, save the instruction pipeline information, enter Debug mode, and wait for commands to be entered from the debug serial input line. This signal is asserted as an output for three clock cycles when the chip enters Debug mode as a result of a debug request or as a result of meeting a breakpoint condition. The DE has an internal pull-up resistor. This signal is not a standard part of the JTAG TAP controller. The signal connects directly to the OnCE module to initiate debug mode directly or to provide a direct external indication that the chip has entered Debug mode. All other interface with the OnCE module must occur through the JTAG port. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |