Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0643ANDGI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9DBL0643ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0643ANDGI Datasheet(HTML) 4 Page - Renesas Technology Corp

  9DBL0643ANDGI Datasheet HTML 1Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 2Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 3Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 4Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 5Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 6Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 7Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 8Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
9DBL06x3 Pin Assignment
Figure 3. Pin Assignment for 5 × 5 mm 40-VFQFPN Package – Top View
9DBL08x3 Pin Assignment
Figure 4. Pin Assignment for 6 × 6 mm 48-VFQFPN Package – Top View
40 39 38 37 36 35 34 33 32 31
vSADR_tri 130 NC
^vHIBW_BYPM_LOBW# 229 vOE3#
FB_DNC 328 DIF3#
FB_DNC# 427 DIF3
VDDR3.3 526 LOS
CLK_IN 625 VDDA3.3
CLK_IN# 724 vOE2#
GNDDIG 823 DIF2#
SCLK_3.3 922 DIF2
SDATA_3.3 10
21 vOE1#
11 12 13 14 15 16 17 18 19 20
9DBL0643
9DBL0653
epad is GND
48 47 46 45 44 43 42 41 40 39 38 37
vSADR_tri 1
36 DIF5#
^vHIBW_BYPM_LOBW# 2
35 DIF5
FB_DNC 3
34 vOE4#
FB_DNC# 4
33 DIF4#
VDDR3.3 5
32 DIF4
CLK_IN 6
31 LOS
CLK_IN# 7
30 VDDA3.3
GNDR 8
29 GNDA
GNDDIG 9
28 vOE3#
SCLK_3.3 10
27 DIF3#
SDATA_3.3 11
26 DIF3
VDDDIG3.3 12
25 vOE2#
13 14 15 16 17 18 19 20 21 22 23 24
9DBL0843
9DBL0853
epad is GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com