Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0643ANDGI Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 9DBL0643ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0643ANDGI Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 9DBL0643ANDGI Datasheet HTML 9Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 10Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 11Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 12Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 13Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 14Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 15Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 16Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
Table 13. Input/Supply/Common Parameters – Recommended Operating Conditions
Symbol
Parameter
Conditions
Minimum Typical Maximum Units
VDDx
Supply Voltage
Supply voltage for core and analog.
3.135
3.3
3.465
V
VDDIO Output Supply Voltage [a]
[a] Only present on 9DBL06xx and 9DBL08xx devices.
Supply voltage for Low Power HCSL outputs.
0.95
1.05–3.3
3.465
V
TAMB
Ambient Operating Temperature Industrial range.
-40
25
85
°C
VIH
Input High Voltage
Single-ended inputs, except SMBus.
0.75 VDDx
VDDx + 0.3 V
VIL
Input Low Voltage
-0.3
0.25 VDDx
V
VIHtri
Input High Voltage
Single-ended tri-level inputs
('_tri' suffix).
0.75 VDDx
VDD + 0.3
V
VIMtri
Input Mid Voltage
0.4 VDDx 0.5 VDDx 0.6 VDDx
V
VILtri
Input Low Voltage
-0.3
0.25 VDDx
V
IIN
Single-ended Input Current
Inputs without internal pull-up/pull-down resistors
VIN = GND, VIN = VDD.
-5
5
μA
IINP
Inputs with internal pull-up resistors, VIN = 0V.
Inputs with internal pull-down resistors, VIN = VDD.
-50
50
μA
FIN
Input Frequency
Bypass Mode.
1
200
MHz
100MHz PLL Mode.
60
100.00
140
MHz
50MHz PLL Mode.
30
50.00
65
MHz
125MHz PLL Mode.
75
125.00
175
MHz
Lpin
Pin Inductance [b]
[b] Guaranteed by design and characterization, not 100% tested in production.
7
nH
CIN
Capacitance [b]
Logic Inputs, except DIF_IN.
1.5
5
pF
CINDIF_IN
DIF_IN differential clock inputs.
1.5
2.7
pF
COUT
Output pin capacitance.
6
pF
TSTAB Clk Stabilization [c]
[c] Control inputs must be monotonic from 20% to 80% of input swing.
From VDD Power-Up and after input clock
stabilization or deassertion of PD# to 1st clock.
1
ms
fSSCMODIN Input SS Modulation Frequency
PCIe applications.
30
33
kHz
Non-PCIe applications.
0
66
kHz
tLATOE# OE# Latency [b] [c]
DIF start after OE# assertion
DIF stop after OE# deassertion.
1
3
clocks
tDRVPD Tdrive_PD# [b] [d]
[d] Time from deassertion until outputs are > 200 mV.
DIF output enable after PD# deassertion.
300
μs
tF
Tfall [c]
Fall time of single-ended control inputs.
5
ns
tR
Trise [c]
Rise time of single-ended control inputs.
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com