Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL0643ANDGI Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 9DBL0643ANDGI
Description  2 to 8-Output 3.3V PCIe Zero-Delay/Fanout Buffers with LOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DBL0643ANDGI Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 9DBL0643ANDGI Datasheet HTML 20Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 21Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 22Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 23Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 24Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 25Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 26Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 27Page - Renesas Technology Corp 9DBL0643ANDGI Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
©2020 Renesas Electronics Corporation
December 9, 2022
9DBL02x3/9DBL04x3/ 9DBL06x3/9DBL08x3 Datasheet
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website. The package
information is the most current data available and is subject to change without revision of this document.
Thermal Characteristics
Table 37. Thermal Characteristics [a]
[a] epad soldered to ground
Symbol
Conditions
Package
Typical Values
Units
θJC
Junction to case.
NDG48
33
°C/W
θJb
Junction to base.
2
°C/W
θJA0
Junction to air, still air.
37
°C/W
θJA1
Junction to air, 1 m/s air flow.
30
°C/W
θJA3
Junction to air, 3 m/s air flow.
27
°C/W
θJA5
Junction to air, 5 m/s air flow.
26
°C/W
θJC
Junction to case.
NDG40
NLG32
42
°C/W
θJb
Junction to base.
2
°C/W
θJA0
Junction to air, still air.
39
°C/W
θJA1
Junction to air, 1 m/s air flow.
33
°C/W
θJA3
Junction to air, 3 m/s air flow.
28
°C/W
θJA5
Junction to air, 5 m/s air flow.
27
°C/W
θJC
Junction to case.
NLG24
60
°C/W
θJb
Junction to base.
5.4
°C/W
θJA0
Junction to air, still air.
50
°C/W
θJA1
Junction to air, 1 m/s air flow.
43
°C/W
θJA3
Junction to air, 3 m/s air flow.
39
°C/W
θJA5
Junction to air, 5 m/s air flow.
38
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com