Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9FG1901 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9FG1901
Description  Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG1901 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9FG1901 Datasheet HTML 1Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 2Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 3Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 4Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 5Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 6Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 7Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 8Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS9FG1901
0962E—01/02/07
Block Diagram
Power Groups
The ICS9FG1901 follows the Intel DB1900G Differential Buffer Specification. This buffer provides 19 output clocks for CPU Host
Bus, PCI-Express, or Fully Buffered DIMM applications. The outputs are configured with two groups. Both groups, DIF_(16:0) and
DIF_(18:17) can be equal to or have a gear ratio to the input clock. A differential CPU clock from a CK410 or CK410B main clock
generator, such as the ICS954101 or ICS932S401, drives the ICS9FG1901. The ICS9FG1901 can provide outputs up to
400MHz.
General Description
STOP
LOGIC
CLK_IN
CLK_IN#
DIF(16:0)
CONTROL
LOGIC
HIGH_BW#
SMB_A2_PLLBYP#
SMBDAT
SMBCLK
SPREAD
COMPATIBLE
PLL
17
IREF
OE(16:5)#,
OE_01234#
13
SMB_A0
SMB_A1
FS_A_410
STOP
LOGIC
DIF(18:17)
2
OE_17_18#
GEAR
SHIFT
LOGIC
SPREAD
COMPATIBLE
PLL
GEAR
SHIFT
LOGIC
VDD
GND
3
2
Main PLL, Analog
11,27,47,63 10,28,46,64
DIF clocks
Description
Pin Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com