Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9FG1901 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS9FG1901
Description  Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG1901 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS9FG1901 Datasheet HTML 4Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 5Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 6Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 7Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 8Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 9Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 10Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 11Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS9FG1901
0962E—01/02/07
PLL Bandwidth and Peaking
Parameter
Conditions
Min
Typical
Max
Units
Notes
PLL Jitter Peaking
jpeak-hibw
(HIGH_BW# = 0)
0
1
2.5
dB
2,8
PLL Jitter Peaking
jpeak-lobw
(HIGH_BW# = 1)
0
1
2
dB
2,8
PLL Bandwidth
pllHIBW
(HIGH_BW# = 0)
2
2.3
4
MHz
1,8
PLL Bandwidth
pllLOBW
(HIGH_BW# = 1)
0.7
1.28
1.4
MHz
1,8
Output phase jitter impact – PCIe*
Gen1
θPCIe1
(including PLL BW 1.5-22 MHz, z = 0.54,
Td=10 ns, Ftrk=1.5 MHz )
0
77
108
ps
3,6,7,8
Output phase jitter impact – FBD
θFBD
(including PLL BW 11- 33 Mz, z = 0.54,
Td=5 ns, Ftrk=0.2 MHz)
0
3
ps RMS 3,4,7,8
NOTES:
1.
Measured at 3 db down or half power point.
2.
Measured as maximum pass band gain. At frequencies within the loop BW, highest point of magnification is called PLL jitter peaking.
3.
Post processed evaluation through Intel supplied Matlab scripts.
4.
Refer to FB-DIMM Specification: “High Speed Differential Point-to-Point Link at 1.5 V” for updates to this specification.
6.
These jitter numbers are defined for a BER of 1E-12. Measured numbers at a smaller sample size have to be extrapolated to this BER target.
7.
z
= 0.54 is implying a jitter peaking of 3 dB.
8. Guaranteed by design and characterization, not 100% tested in production.
5.
PCIe* Gen2 filter characteristics are subject to final ratification by PC ISIG. Please check the PCI* SIG for the latest specification. Tested with DBxx00G driven by low phase
noise signal generator such as an Agilent 8133A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com