Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9FG1901 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS9FG1901
Description  Frequency Generator for P4™ CPU, PCI Express™ & Fully Buffered DIMM Clocks
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG1901 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS9FG1901 Datasheet HTML 1Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 2Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 3Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 4Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 5Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 6Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 7Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 8Page - Renesas Technology Corp ICS9FG1901 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS9FG1901
0962E—01/02/07
Recommended Application:
DB1900G: CPU Host Bus, PCI Express and Fully-Buffered
DIMM clocking
Features:
•
Power up default is all outputs in 1:1 mode
•
DIF_(16:0) can be “gear-shifted” from the input CPU
Host Clock
•
DIF_(18:17) can be “gear-shifted” from the input CPU
Host Clock
•
Spread spectrum compatible
•
Supports output clock frequencies up to 400 MHz
•
8 Selectable SMBus addresses
•
SMBus address determines PLL or Bypass mode
•
VDDA controlled power down mode
Key Specifications:
•
DIF output cycle-to-cycle jitter < 50ps
•
DIF (0:18) output-to-output skew < 225ps
•
DIF (0:16) output-to-output skew < 100ps
Frequency Generator for P4™
™
™
™
™ CPU, PCI Express™™™™™ & Fully Buffered DIMM Clocks
Other names and brands may be claimed as the property of others.
Power Down Functionality
Pin Configuration
72-pin MLF
Functionality at Power Up (PLL Mode)
72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55
IREF
1
54 OE14#
GNDA
2
53 DIF_13#
VDDA/PD#
3
52 DIF_13
HIGH_BW#
4
51 OE13#
FS_A_410
5
50 DIF_12#
DIF_0
6
49 DIF_12
DIF_0#
7
48 OE12#
DIF_1
8
47 VDD
DIF_1#
9
46 GND
GND 10
45 DIF_11#
VDD 11
44 DIF_11
DIF_2 12
43 OE11#
DIF_2# 13
42 DIF_10#
DIF_3 14
41 DIF_10
DIF_3# 15
40 OE10#
DIF_4 16
39 DIF_9#
DIF_4# 17
38 DIF_9
OE_01234# 18
37 OE9#
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
ICS9FG1901
FS_A_410
1
CLK_IN (CPU FSB)
MHz
DIF_(18:0)
MHz
1
100 <= CLK_IN < 200
CLK_IN
0
200<= CLK_IN <= 400
CLK_IN
1. FS_A_410 is a low-threshold input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for
correct values.
VDDA/PD#
CLK_IN/CLK_IN#
DIF
DIF#
3.3V (NOM)
Running
ON
GND
X
OFF
Functionality Note
It is recommended that Byte 2, bit 6 be toggled from 1 to 0
and back to 1, the first time VDDA is applied. This ensures
proper initialization of the device.
Hi-Z
INPUTS
OUTPUTS
PLL State
Running


Similar Part No. - ICS9FG1901

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904BK-1LFT ICST-ICS9FG1904BK-1LFT Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
ICS9FG1904BK-1LFT RENESAS-ICS9FG1904BK-1LFT Datasheet
415Kb / 23P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
More results

Similar Description - ICS9FG1901

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950805 ICST-ICS950805 Datasheet
148Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9FG108 ICST-ICS9FG108 Datasheet
145Kb / 13P
Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9FG107 ICST-ICS9FG107 Datasheet
108Kb / 14P
Programmable FTG for Differential CPU, PCI Express & SATA Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS9FG107 IDT-ICS9FG107 Datasheet
225Kb / 18P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
ICS9FG1201H IDT-ICS9FG1201H Datasheet
264Kb / 21P
Frequency Generator for CPU, PCIe Gen1 & Fully Buffered DIMM Clocks
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
PCI Express™ Clock Generator
Revision C, July 15, 2016
ICS9FG107 RENESAS-ICS9FG107 Datasheet
366Kb / 19P
Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com