Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS8083CPZP Datasheet(PDF) 15 Page - Texas Instruments

Part # THS8083CPZP
Description  Triple 8-Bit, 80 MSPS, 3.3-V Video and Graphics Digitizer With Digital PLL
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8083CPZP Datasheet(HTML) 15 Page - Texas Instruments

Back Button THS8083CPZP Datasheet HTML 11Page - Texas Instruments THS8083CPZP Datasheet HTML 12Page - Texas Instruments THS8083CPZP Datasheet HTML 13Page - Texas Instruments THS8083CPZP Datasheet HTML 14Page - Texas Instruments THS8083CPZP Datasheet HTML 15Page - Texas Instruments THS8083CPZP Datasheet HTML 16Page - Texas Instruments THS8083CPZP Datasheet HTML 17Page - Texas Instruments THS8083CPZP Datasheet HTML 18Page - Texas Instruments THS8083CPZP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
2–1
2 Functional Description
2.1
Analog Channel
The THS8083 contains three identical analog channels that are independently programmable. Each channel consists
of a clamping circuit, a programmable gain amplifier, and an A/D converter.
2.2
Clamping Circuit
The purpose of clamping is to provide the input signal with a known dc-value. Typically, video signals will be
ac-coupled into the part. The signal needs to be level-shifted to fall in the reference voltage range (VREFB...VREFT)
of the A/D converter. By supplying a programmable clamp, the user can shift the input signal with respect to the A/D
range. This has the same effect as keeping the input signal constant and applying offset to both A/D reference
voltages while keeping the VREFT–VREFB difference equal. However, no external adjustments are needed with this
implementation.
For video, the clamping circuit can only be active during the non-active video portion of each line to avoid changes
in brightness along the line. Clamping is done during the horizontal blanking interval, either on the backporch of sync
or during the sync tip (in the case of a sync present on at least one of the video channels). If HS is carried on a separate
line, as is typically the case for PC graphics, clamping is done during blanking. When the Y or G input channel contains
an embedded sync, then alternatively clamping can be done during the sync-tip. This is not supported on the
THS8083, since it is expected that the input signal level during clamping, of which position and width are determined
by the clamp timing pulse (as shown later) corresponds to the blanking level. Since (for RGB type inputs) the blanking
level will correspond to a low output code of the A/D, it makes sense to center the clamp range around an A/D output
code of 0. The user can adjust this level up or down, symmetrically around 0. If the clamping is set such that the
blanking level corresponds to a level below 0, the A/D output is clipped at code 0.
CLP
VIN
Reference Level
PGA 1
PGA 2
ADC
8
6
Reference Level
Bottom/Mid
8
Offset
DAC
Clamp DAC
PGA Gain Control
Clamp Control
CC
Figure 2–1. Analog Channel Architecture
In the case of YUV input signals, blanking levels for U and V correspond to the mid-level analog input. To handle these
signals the clamping range should be centered on the mid-level output code of the A/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com