Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7660IP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL7660IP
Description  CMOS VOLTAGE CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7660IP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL7660IP Datasheet HTML 3Page - Texas Instruments TL7660IP Datasheet HTML 4Page - Texas Instruments TL7660IP Datasheet HTML 5Page - Texas Instruments TL7660IP Datasheet HTML 6Page - Texas Instruments TL7660IP Datasheet HTML 7Page - Texas Instruments TL7660IP Datasheet HTML 8Page - Texas Instruments TL7660IP Datasheet HTML 9Page - Texas Instruments TL7660IP Datasheet HTML 10Page - Texas Instruments TL7660IP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
1
2
3
4
8
7
6
5
TL7660
+
-
+
-
C
10 µF
1
C
10 µF
2
–V
OUT
V+
(5 V)
I
S
I
L
R
L
C
OSC
(see
Note A)
8
3
2
5
3
7
V
= –V
OUT
IN
S
2
S
1
S
3
S
4
C
2
V
IN
C
1
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
A.
In the circuit, there is no external capacitor applied to terminal 7. However when device is plugged into a test
socket,there is usually a very small but finite stray capacitance present on the order of 10 pF.
Figure 1. Test Circuit
The TL7660 contains all the necessary circuitry to complete a negative voltage converter, with the exception of
two external capacitors which may be inexpensive 10
µF polarized electrolytic types. The mode of operation of
the device may be best understood by considering Figure 2, which shows an idealized negative voltage
converter. Capacitor C1 is charged to a voltage, VCC, for the half cycle when switches S1 and S3 are closed.
(Note: Switches S2 and S4 are open during this half cycle.) During the second half cycle of operation, switches
S2 and S4 are closed, with S1 and S3 open, thereby shifting capacitor C1 negatively by VCC volts. Charge is then
transferred from C1 to C2 such that the voltage on C2 is exactly VCC, assuming ideal switches and no load on C2.
The TL7660 approaches this ideal situation more closely than existing non-mechanical circuits. In the TL7660,
the four switches of Figure 2 are MOS power switches: S1 is a p-channel device, and S2, S3, and S4 are
n-channel devices. The main difficulty with this design is that in integrating the switches, the substrates of S3
and S4 must always remain reverse biased with respect to their sources, but not so much as to degrade their
ON resistances. In addition, at circuit start up and under output short circuit conditions (VOUT = VCC), the output
voltage must be sensed and the substrate bias adjusted accordingly. Failure to accomplish this results in high
power losses and probable device latchup. This problem is eliminated in the TL7660 by a logic network which
senses the output voltage (VOUT) together with the level translators and switches the substrates of S3 and S4 to
the correct level to maintain necessary reverse bias.
The voltage regulator portion of the TL7660 is an integral part of the anti-latchup circuitry; however, its inherent
voltage drop can degrade operation at low voltages. Therefore, to improve low-voltage operation, the LV
terminal should be connected to GND, disabling the regulator. For supply voltages greater than 3.5 V, the LV
terminal must be left open to insure latchup proof operation and prevent device damage.
Figure 2. Idealized Negative-Voltage Converter
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com