Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7660IP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL7660IP
Description  CMOS VOLTAGE CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7660IP Datasheet(HTML) 2 Page - Texas Instruments

  TL7660IP Datasheet HTML 1Page - Texas Instruments TL7660IP Datasheet HTML 2Page - Texas Instruments TL7660IP Datasheet HTML 3Page - Texas Instruments TL7660IP Datasheet HTML 4Page - Texas Instruments TL7660IP Datasheet HTML 5Page - Texas Instruments TL7660IP Datasheet HTML 6Page - Texas Instruments TL7660IP Datasheet HTML 7Page - Texas Instruments TL7660IP Datasheet HTML 8Page - Texas Instruments TL7660IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
OSC
RC
Oscillator
Voltage-Level
Translator
Voltage
Regulator
LV
Logic
Network
CAP+
CAP−
V
CC
V
OUT
¸2
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
FUNCTIONAL BLOCK DIAGRAM
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
TL7660
10.5
V
VCC < 5.5 V
–0.3
VCC + 0.3
VI
OSC and LV input voltage range(2)
V
VCC > 5.5 V
VCC – 5.5
VCC + 0.3
ILV
Current into LV(2)
VCC > 3.5 V
20
µA
tOS
Output short-circuit duration
VSUPPLY ± 5.5 V
Continuous
D package
97
θ
JA
Package thermal impedance(3)(4)
DGK package
172
°C/W
P package
85
TJ
Junction temperature
150
°C
Tstg
Storage temperature range
–55
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Connecting any input terminal to voltages greater than VCC or less than GND may cause destructive latchup. It is recommended that no
inputs from sources operating from external supplies be applied prior to power up of the TL7660.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
TL7660
1.5
10
V
TL7660C
–40
85
TA
Operating free-air temperature
°C
TL7660I
–40
125
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com