Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7660IP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL7660IP
Description  CMOS VOLTAGE CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7660IP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL7660IP Datasheet HTML 9Page - Texas Instruments TL7660IP Datasheet HTML 10Page - Texas Instruments TL7660IP Datasheet HTML 11Page - Texas Instruments TL7660IP Datasheet HTML 12Page - Texas Instruments TL7660IP Datasheet HTML 13Page - Texas Instruments TL7660IP Datasheet HTML 14Page - Texas Instruments TL7660IP Datasheet HTML 15Page - Texas Instruments TL7660IP Datasheet HTML 16Page - Texas Instruments TL7660IP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.ti.com
Combined Negative Voltage Conversion and Positive Supply Doubling
1
2
3
4
8
7
6
5
TL7660
V+
C
2
D
1
D
2
C
1
+
-
+
-
C
3
+
-
C
4
+
-
V
= –(nV – V
)
OUT
IN
FDX
V
= (2V+) – (V
) – (V
)
OUT
FD1
FD2
Voltage Splitting
1
2
3
4
8
7
6
5
TL7660
+
-
+
-
V+
V–
+
-
50 µF
R
L1
R
L2
50 µF
50 µF
V
=
OUT
2
V+
V
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
APPLICATION INFORMATION (continued)
Figure 10 combines the functions shown in Figure 3 and Figure 9 to provide negative voltage conversion and
positive voltage doubling simultaneously. This approach would be, for example, suitable for generating +9 V and
–5 V from an existing 5-V supply. In this instance, capacitors C1 and C3 perform the pump and reservoir
functions, respectively, for the generation of the negative voltage, while capacitors C2 and C4 are pump and
reservoir, respectively, for the doubled positive voltage. There is a penalty in this configuration that combines
both functions, however, in that the source impedances of the generated supplies are somewhat higher, due to
the finite impedance of the common charge pump driver at terminal 2 of the device.
Figure 10. Combined Negative-Voltage Converter and Positive-Voltage Doubler
The bidirectional characteristics can also be used to split a higher supply in half (see Figure 11. The combined
load is evenly shared between the two sides. Because the switches share the load in parallel, the output
impedance is much lower than in the standard circuits, and higher currents can be drawn from the device. By
using this circuit and then the circuit of Figure 6, 15 V can be converted (via 7.5 V, and –7.5 V) to a nominal
–15 V, although with rather high series output resistance (~250
Ω).
Figure 11. Splitting a Supply in Half
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com