Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M30 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # 2M30
Description  Camera Link Areascan Cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

2M30 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button 2M30 Datasheet HTML 10Page - ATMEL Corporation 2M30 Datasheet HTML 11Page - ATMEL Corporation 2M30 Datasheet HTML 12Page - ATMEL Corporation 2M30 Datasheet HTML 13Page - ATMEL Corporation 2M30 Datasheet HTML 14Page - ATMEL Corporation 2M30 Datasheet HTML 15Page - ATMEL Corporation 2M30 Datasheet HTML 16Page - ATMEL Corporation 2M30 Datasheet HTML 17Page - ATMEL Corporation 2M30 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
5440A–IMAGE–10/05
ATMOS -2M60/2M30 [Preliminary]
5.10
Digital Processing Synoptic
Figure 5-2.
Synoptic
5.11
Defective Pixels Correction
The sensor may present defective pixels. Hot pixels have a higher value than the average of
their neighbor pixels. A correction can be applied by replacing these defective pixels by the aver-
age value of their neighbors. The threshold which determines if a pixel is defective can be
programmed. This threshold is defined in LSB value above the average value of the neighbor
pixels.
See register Defective Pixel Control @ 2C4H, Internal Register Mapping on page 16.
See register Hot Pixel Detection Threshold @ 2C0H, Internal Register Mapping on page 16.
5.12
LED Indicator
The green LED on the rear panel gives information on the internal state of the camera. On
power up, after internal configuration, the LED flashes on and has the following behavior
(decreasing priority order):
• Internal hardware error or configuration error: fast blinking
• Waiting for external trigger (triggered and ITC modes): slow blinking
• All other situation: continuous
Sensor_Out
Coef_FPN
Offset
MUX
C
P
T
Pixel_Out
Pattern
LUT
FORMAT
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com