Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M30 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # 2M30
Description  Camera Link Areascan Cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

2M30 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button 2M30 Datasheet HTML 16Page - ATMEL Corporation 2M30 Datasheet HTML 17Page - ATMEL Corporation 2M30 Datasheet HTML 18Page - ATMEL Corporation 2M30 Datasheet HTML 19Page - ATMEL Corporation 2M30 Datasheet HTML 20Page - ATMEL Corporation 2M30 Datasheet HTML 21Page - ATMEL Corporation 2M30 Datasheet HTML 22Page - ATMEL Corporation 2M30 Datasheet HTML 23Page - ATMEL Corporation 2M30 Datasheet HTML 24Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
5440A–IMAGE–10/05
[Preliminary] ATMOS -2M60/2M30
8.
Mechanical Drawing
Note:
(All dimensions are in mm)
Figure 8-1.
Front Panel View
Figure 8-2.
Front Panel Mechanical Drawing
Note:
1. A and B are mechanical reference plans.
2. Sensor alignment
∆x, y refers to the optical axis.
3. Sensor alignment
∆0
xy refers to the reference plans.
44.75
12
3.75
22
38.5
2 x (M4 x 8)
4 x (M3 x 8)
1 - 32 UN - 2A
(C mount)
First Pixel
of Line 1
B
A
Camera
Link
Power
Supply
44
φ35
sensor
(on the 4 sides)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com