Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2M30 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # 2M30
Description  Camera Link Areascan Cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

2M30 Datasheet(HTML) 2 Page - ATMEL Corporation

  2M30 Datasheet HTML 1Page - ATMEL Corporation 2M30 Datasheet HTML 2Page - ATMEL Corporation 2M30 Datasheet HTML 3Page - ATMEL Corporation 2M30 Datasheet HTML 4Page - ATMEL Corporation 2M30 Datasheet HTML 5Page - ATMEL Corporation 2M30 Datasheet HTML 6Page - ATMEL Corporation 2M30 Datasheet HTML 7Page - ATMEL Corporation 2M30 Datasheet HTML 8Page - ATMEL Corporation 2M30 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
5440A–IMAGE–10/05
ATMOS -2M60/2M30 [Preliminary]
1.
Typical Performances
Note:
1. Measured with light source 3200
°K and BG38 IR cut-off filter 2 mm thickness.
Table 1-1.
Camera Typical Performances
Sensor Characteristics at Maximum Pixel Rate
2M60
2M30
Unit
Resolution H × V
2096 × 1184
2096 × 1184
Pixels
Pixel size (square)
5 × 5
5 × 5
µm
Maximum frame rate
48
24
Hz
Pixel rate
150
75
MHz
Camera Performances
Bit depth
8, 10 or 12
Bits
Spectral range
350–1000
nm
Linearity
±2% in 5% and 95% of FSR
PRNU
1.5% rms
FPN
0.1% rms
Peak Response @ G = 0
33(1)
LSB/nJ/cm2
Output RMS Noise
Dynamic range
< 3 LSB rms
> 62.5
dB
Conversion factor
11
e-/ LSB
Dark Current
1500
e-/s
Over Illumination Behavior
75 Esat
Mechanical and Electrical Interface
Size (w × h × l)
44 × 44 × 45
mm
Weight
115
g
Lens Mount
C-mount
Sensor Alignment
∆x, y = ± 250
∆z = ±150
∆0
xy = ± 0.7
∆tilt
z = 0-200
µm
µm
degree
µm
Power supply
single 12 to 24
VDC
Power consumption
< 3
W
Operating temperature
0 to 55 (non-condensing)
°C
Storage temperature
-40 to 70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com