Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4949 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 3Page - National Semiconductor (TI) LM4949 Datasheet HTML 4Page - National Semiconductor (TI) LM4949 Datasheet HTML 5Page - National Semiconductor (TI) LM4949 Datasheet HTML 6Page - National Semiconductor (TI) LM4949 Datasheet HTML 7Page - National Semiconductor (TI) LM4949 Datasheet HTML 8Page - National Semiconductor (TI) LM4949 Datasheet HTML 9Page - National Semiconductor (TI) LM4949 Datasheet HTML 10Page - National Semiconductor (TI) LM4949 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Electrical Characteristics V
DD = 3.6V (Notes 1, 2)
The following specifications apply for A
V = 0dB,
R
L(SP) =15µH+8
Ω + 15µH, R
L(HP) =32
Ω, f = 1kHz unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4949
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Supply Current
LS Mode
Stereo
Mono
6.8
4.9
7.3
5.3
mA (max)
mA (max)
OCL HP Mode
Stereo
Mono
5.8
4.9
6.5
5.5
mA (max)
mA (max)
CC HP Mode
Stereo
Mono
4.7
4.1
5.2
4.6
mA (max)
mA (max)
Stereo LS + HP Mode
9.36
mA
I
SD
Shutdown Supply Current
0.03
1
µA (max)
V
OS
Output Offset Voltage
Headphone
Speaker
6.7
8.9
20
49
mV (max)
mV (max)
P
OUT
Output Power
LS Mode,f=1kHz
R
L =4
Ω, THD+N = 10%
R
L =4
Ω, THD+N = 1%
R
L =8
Ω, THD+N = 10%
R
L =8
Ω, THD+N = 1%
1.24
1
0.765
0.615
W
W
W
W
OCL HP Mode,f=1kHz
R
L =16
Ω, THD+N = 10%
R
L =16
Ω, THD+N = 1%
R
L =32
Ω, THD+N = 10%
R
L =32
Ω, THD+N = 1%
94
76
55
45
mW
mW
mW
mW
CC HP Mode,f=1kHz
R
L =16
Ω, THD+N = 10%
R
L =16
Ω, THD+N = 1%
R
L =32
Ω, THD+N = 10%
R
L =32
Ω, THD+N = 1%
93
75
56
45
mW
mW
mW
mW
THD+N
Total Harmonic Distortion + Noise
Differential Mode, f = 1kHz
HP Mode, R
L =16
Ω,P
OUT = 50mW
OCL
CC
0.021
0.021
%
%
HP Mode, R
L =32
Ω,
P
OUT = 30mW
OCL
CC
0.01
0.01
%
%
LS Mode
R
L =4
Ω,P
OUT = 400mW
R
L =8
Ω,P
OUT = 300mW
0.023
0.02
%
%
THD+N
Total Harmonic Distortion + Noise
Single-Ended Input Mode, f = 1kHz
HP Mode, R
L =16
Ω,P
OUT = 50mW
OCL
CC
0.021
0.017
%
%
HP Mode, R
L =32
Ω,P
OUT = 30mW
OCL
CC
0.02
0.015
%
%
LS Mode
R
L =4
Ω,P
OUT = 400mW
R
L =8
Ω,P
OUT = 300mW
0.05
0.034
%
%
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com