Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4949 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 8Page - National Semiconductor (TI) LM4949 Datasheet HTML 9Page - National Semiconductor (TI) LM4949 Datasheet HTML 10Page - National Semiconductor (TI) LM4949 Datasheet HTML 11Page - National Semiconductor (TI) LM4949 Datasheet HTML 12Page - National Semiconductor (TI) LM4949 Datasheet HTML 13Page - National Semiconductor (TI) LM4949 Datasheet HTML 14Page - National Semiconductor (TI) LM4949 Datasheet HTML 15Page - National Semiconductor (TI) LM4949 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Electrical Characteristics V
DD = 5.0V (Notes 1, 2) The following specifications apply for AV = 0dB,
RL(SP) =15µH+8
Ω + 15µH, R
L(HP) =32
Ω, f = 1kHz unless otherwise specified. Limits apply for T
A = 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4949
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
A
V
Gain
Volume Control
Minimum Gain
Maximum Gain
–57
18
dB
dB
LS Second Gain Stage
Step 0
Differential Input
Single-Ended Input
6
12
dB
dB
Step 1
Differential Input
Single-Ended Input
4
10
dB
dB
Step 2
Differential Input
Single-Ended Input
8
2
dB
dB
Step 3
Differential Input
Single-Ended Input
0
6
dB
dB
HP Second Gain Stage
Step 0
Step 1
Step 2
0
–6
–12
dB
dB
dB
Mute
Mute Attenuation
Speaker Mode
–102.7
dB
Headphone Mode
–123
dB
CMRR
Common Mode Rejection Ratio
Speaker Mode, f = 1kHz,
V
IN = 200mVP-P
64.4
dB
OCL Headphone Mode, f = 1kHz,
V
IN = 200mVP-P
74.3
dB
PSRR
Power Supply Rejection Ratio
Differential Input Mode, V
RIPPLE = 200mVP-P
OCL HP Mode, f = 217Hz
68.3
dB
OCL HP Mode, f = 1kHz
67.9
dB
LS Mode, f = 217Hz
73.8
dB
LS Mode, f = 1kHz
72
dB
PSRR
Power Supply Rejection Ratio
Single-Ended Input Mode, V
RIPPLE = 200mVP-P
OCL HP Mode, f = 217Hz
70.55
dB
OCL HP Mode, f = 1kHz
63.05
dB
LS Mode, f = 217Hz
64.6
dB
LS Mode, f = 1kHz
70.3
dB
PSRR
Power Supply Rejection Ratio
All Inputs ON, Single-Ended Input Mode, V
RIPPLE = 200mVP-P
OCL HP Mode, f = 217Hz
63.1
dB
OCL HP Mode, f = 1kHz
66.4
dB
LS Mode, f = 217Hz
59.1
dB
LS Mode, f = 1kHz
69.3
dB
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com