Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4949 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4949 Datasheet HTML 10Page - National Semiconductor (TI) LM4949 Datasheet HTML 11Page - National Semiconductor (TI) LM4949 Datasheet HTML 12Page - National Semiconductor (TI) LM4949 Datasheet HTML 13Page - National Semiconductor (TI) LM4949 Datasheet HTML 14Page - National Semiconductor (TI) LM4949 Datasheet HTML 15Page - National Semiconductor (TI) LM4949 Datasheet HTML 16Page - National Semiconductor (TI) LM4949 Datasheet HTML 17Page - National Semiconductor (TI) LM4949 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
TABLE 1. Bump Description
BUMP
NAME
DESCRIPTION
A1
LLS-
Left Channel Loudspeaker Inverting Output
A2
LLS+
Left Channel Loudspeaker Non-inverting Output
A3
SDA
Serial Data Input
A4
HPGND
Headphone Ground
A5
HPR
Right Channel Headphone Output
B1
VDDLS
Speaker Power Supply
B2
ADR
Address Select Bit
B3
RIN-
Right Channel Inverting Input
B4
HPL
Left Channel Headphone Output
B5
VOC
Headphone Return Bias Output
C1
GNDLS
Speaker Ground
C2
VDD
Power Supply
C3
RIN+
Right Channel Non-Inverting Input
C4
LIN+
Left Channel Non-inverting Input
C5
VDDHP
Headphone Power Supply
D1
VDDLS
Speaker Power Supply
D2
I
2CVDD
I2C Power Supply
D3
SCL
Serial Clock Input
D4
MIN+
Mono Channel Non-inverting Input
D5
LIN-
Left Channel Inverting Input
E1
RLS-
Right Channel Loudspeaker Inverting Output
E2
RLS+
Right Channel Loudspeaker Non-inverting Output
E3
GND
Ground
E4
MIN-
Mono Channel Inverting Input
E5
BYPASS
Mid-rail Bias Bypass
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com