Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4DNJBJS Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 101Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 102Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 103Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 104Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 105Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 106Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 107Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 108Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 209 page
background image
Datasheet
105
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID59A
IDD_DS32A
VDDDcurrentininternalregulator
mode.
32 KB SRAM retention, LPECO
(4 MHz) operation in DeepSleep
mode. (room temp)
–
–
250
µA
Deep Sleep Mode (RTC at 32
kHz and EVTGEN operating,
all other peripherals off, CAN
MRAM disabled),
CM0+ and CM7_0 retain,
CM7_1 power switched OFF
Max: VDDD = 5.5 V, TA = 25°C,
process worst (FF)
FPD-Link/MIPI Standby
currents not included
SID60
IDD_DS32B
VDDDcurrentininternalregulator
mode.
32 KB SRAM retention, LPECO
(4 MHz) operation in DeepSleep
mode.
–
–
2500
µA
DeepSleep Mode (RTC and
Event generator operating,
all other peripherals off, CAN
MRAM disabled),
CM0+ and CM7_0 retain,
CM7_1 power switched OFF
Max: VDDD = 5.5 V, TA = 85°C,
process worst (FF)
FPD-Link/MIPI Standby
currents not included
SID64
IDD_DS32C
VDDDcurrentininternalregulator
mode.
32 KB SRAM retention, ILO
operation in DeepSleep mode.
–
50
2500
µA
DeepSleep Mode (RTC and
Event generator operating,
all other peripherals off, CAN
MRAM disabled)
CM0+ and CM7_0 retain,
CM7_1 power switched OFF
Typ: TA = 25°C, VDDD = 5.0 V,
process typ (TT)
Max: TA = 85°C, VDDD = 5.5 V,
process worst (FF)
FPD-Link/MIPI Standby
currents not included
SID64A
IDD_DS32D
32 KB SRAM retention, ILO
operation in DeepSleep mode
(room temp)
–
–
150
µA
DeepSleep Mode (RTC at 32
kHz and Event generator
operating, all other periph-
erals off, CAN MRAM
disabled)
CM0+ and CM7_0 retain,
CM7_1 power switched OFF
Max: TA = 25°C, VDDD = 5.5 V,
process worst (FF)
FPD-Link/MIPI Standby
currents not included
Hibernate Mode
SID66
IDD_HIB1
VDDD current,
Hibernate Mode + RTC at
32.768 kHz
––
20
µA
TA = 25°C using ILO,
VDDD = 5.0 V
SID66A
IDD_HIB2
VDDD current,
Hibernate Mode + RTC at
32.768 kHz
––
40
µA
TA = 25°C, using WCO,
VDDD = 5.0 V
Table 26-3
DC specifications, CPU current, and transition time specifications (continued)
All specifications are valid for –40°C  TA  105°C and for 2.7 V to 5.5 V except where noted.
Spec ID
Parameter
Description
Min
Typ Max Units
Details/conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com