Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4DNJBJS Datasheet(PDF) 109 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 109 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 105Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 106Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 107Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 108Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 109Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 110Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 111Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 112Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 113Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 209 page
background image
Datasheet
109
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
26.3
Reset specifications
Figure 26-3
Reset sequence
Table 26-4
XRES_L Reset
Spec ID Parameter
Description
Min
Typ
Max
Units
Details/conditions
XRES_L DC specifications
SID73
IIDD_XRES
IDD when XRES_L asserted
–
–
1.7
mA Typ: TA = 25 °C,
VDDD = 5 V, process typ (TT)
Max: TA = 105 °C,
VDDD = 5.5 V,
process worst (FF)
SID74
VIH
Input voltage high threshold
0.7 ×
VDDD
––
V
CMOS Input
SID75
VIL
Input voltage low threshold
–
–
0.3 ×
VDDD
V
CMOS Input
SID76
RPULLUP
Pull-up resistor
7
–
20
kΩ
SID77
CIN
Input capacitance
–
–
5
pF
SID78
VHYSXRES
Input voltage hysteresis
0.05 ×
VDDD
––
V
XRES_L AC specifications
SID70
tXRES_ACT
XRES_L deasserted to Active
transition time
–
–
265
µs Without boot runtime
Guaranteed by design
SID71
tXRES_PW
XRES_L pulse width
5
–
–
µs
SID72
tXRES_FT
Pulse suppression width
100
–
–
ns
ACTIVE
RESET
HV/LV reset
System clock
System reset
release
release
MODES
12
1:
SID68/68A/68B: Time from HV/LV reset release until CM0+ begins executing ROM boot
2:
SID80A/80B: ROM boot code operation
3:
SID81A/81B/81C: Flash boot code operation
4:
User code operation
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com