Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4DNJBJS Datasheet(PDF) 184 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 184 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 180Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 181Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 182Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 183Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 184Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 185Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 186Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 187Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 188Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 209 page
background image
Datasheet
184
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Figure 26-10 FPD-link output pulse position error and channel-to-channel skew
Figure 26-11 Skew between TxP and TxN, and steady-state differential amplitude and common-mode
voltages
TAP/TAN
TBP/TBN
TCP/TCN
TDP/TDN
TCLKP/N
TxP
TxN
0 V
D_VCM
VOD
VCM_AVG
VODB
0 V
D_VCM
VCM_AVG
VCM
VCMB
VCM_AVG = AVG (VCM, VCMB)
D_VCM = VCM - VCMB
0 V
D_VOD
VOD
VODB
D_VOD = VOD - VODB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com