Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4DNJBJS Datasheet(PDF) 181 Page - Infineon Technologies AG

Part # CYT4DNJBJS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBJS Datasheet(HTML) 181 Page - Infineon Technologies AG

Back Button CYT4DNJBJS Datasheet HTML 177Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 178Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 179Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 180Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 181Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 182Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 183Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 184Page - Infineon Technologies AG CYT4DNJBJS Datasheet HTML 185Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 209 page
background image
Datasheet
181
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
SID885_1 IVDDPLL_PD_1
Total PLL supply current in
Power-Down mode (room temp)
–
–
4
µA
Max: TA=25°C,VDDPLL_FPD=
1.15 V (max VREG), process
worst (FF)
SID885_2 IVDDPLL_PD_2
Total PLL supply current in
Power-Down mode
–
–
25
µA
Max: TA=85°C,VDDPLL_FPD=
1.15 V (max VREG), process
worst (FF)
SID885B
IVDDHA_PD
Total I/O (LVDS driver) supply
current in Power-Down mode
–
0.5
50
µA
Typ: TA = 25°C, VDDHA_FPD =
3.3 V, process typ (TT)
Max: TA = 105°C, VDDHA_FPD
= 3.6 V, process worst (FF)
SID885B_1 IVDDHA_PD_1
Total I/O (LVDS driver) supply
current in Power-Down mode
(room temp)
–
–
1
µA
Max: TA = 25°C, VDDHA_FPD =
3.6 V (max VREG),
process worst (FF)
SID885B_2 IVDDHA_PD_2
Total I/O (LVDS driver) supply
current in Power-Down mode
–
–
12
µA
Max: TA = 85°C, VDDHA_FPD =
3.6 V (max VREG),
process worst (FF)
SID895
VOD
Steady-state magnitude of the
differential output voltage
247
350
454
mV
SID896
VΔVOD_M
Variation of signal swing voltage
between drivers
–
–
25
mV
SID897
VCM
Output Common-mode voltage
1.125
1.25
1.375
V
SID898
VΔVCM_M
Delta in Common-mode voltage
between drivers
–
–
25
mV
SID899A
ISA
Magnitude of current flowing
through output terminal P when
the output terminals are
short-circuited to ground.
–
–
24
mA
See Figure 6 of
“TIA/EIA-644-A”
specifications.
SID899B
ISB
Magnitude of current flowing
through output terminal M when
the output terminals are
short-circuited to ground.
–
–
24
mA
See Figure 6 of
“TIA/EIA-644-A”
specifications.
SID899C
IOS
Magnitude of current flowing
through theoutput terminals when
they are short-circuited to each
other.
–
–
12
mA
See Figure 7 of
“TIA/EIA-644-A”
specifications.
SID900
tWAKE
Wakeup time
–
–
1.2
ms
SID901
tPDD
Power down delay time
–
–
100
µs
Guaranteed by design
SID902
fPX
Pixel Clock Frequency
7
–
110
MHz Guaranteed by design
SID903
fPX110
Output Clock Frequency (110 MHz)
103.7
110
116.3
MHz When transmitting an
alternating 0/1 bit pattern
SID904
fPX55
Output Clock Frequency (55 MHz)
52.35
55
57.65
MHz When transmitting an
alternating 0/1 bit pattern
SID905
fPX28
Output Clock Frequency (28 MHz)
26.66
28
29.34
MHz When transmitting an
alternating 0/1 bit pattern
SID906
fPX14
Output Clock Frequency (14 MHz)
13.28
14
14.72
MHz When transmitting an
alternating 0/1 bit pattern
SID907
fPX7
Output Clock Frequency (7 MHz)
6.59
7
7.41
MHz When transmitting an
alternating 0/1 bit pattern
SID908
GAIN_JIT_LVDS
Gain region max long-term total
jitter
–
–
0.32
UI2 p-p
SID909
ATTEN_JIT_LVDS
Attenuation region long-term total
jitter
–
–
0.34
UI2 p-p
SID910
C2C_JIT
Cycle-to-cycle jitter
–
–
0.11
UI
SID911
tCSK
Channel-to-channel skew of driver
outputs
–
–
100
ps
SID913
TPPos0
Transmit Pulse Position Offset 0
–0.168
0
0.168
ns
SID914
TPPos1
Transmit Pulse Position Offset 1
T / 7 –
TPPos0
T / 7
T / 7 +
TPPos0
ns
SID915
TPPos2
Transmit Pulse Position Offset 2
2T / 7 –
TPPos0
2T / 7
T / 7 +
TPPos0
ns
Table 26-39
Graphics specifications (continued)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com