Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT16952CTPVG Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 74FCT16952CTPVG
Description  FAST CMOS 16-BIT REGISTERED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT16952CTPVG Datasheet(HTML) 3 Page - Renesas Technology Corp

  74FCT16952CTPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
IDT74FCT16952AT/CT/ET
FASTCMOS16-BITREGISTEREDTRANSCEIVER
INDUSTRIALTEMPERATURERANGE
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2
—
—
V
VIL
Input LOW Level
GuaranteedLogicLOWLevel
—
—
0.8
V
IIH
Input HIGH Current (Input pins)(5)
VCC = Max.
VI = VCC
——
±1
µA
Input HIGH Current (I/O pins)(5)
——
±1
IIL
InputLOWCurrent(Inputpins)(5)
VI = GND
—
—
±1
Input LOW Current (I/O pins)(5)
——
±1
IOZH
HighImpedanceOutputCurrent
VCC = Max.
VO = 2.7V
—
—
±1
µA
IOZL
(3-StateOutputpins)(5)
VO = 0.5V
—
—
±1
VIK
ClampDiodeVoltage
VCC = Min., IIN = –18mA
—
–0.7
–1.2
V
IOS
ShortCircuitCurrent
VCC = Max., VO = GND(3)
–80
–140
–250
mA
VH
InputHysteresis
—
—
100
—
mV
ICCL
Quiescent Power Supply Current
VCC = Max.
—
5
500
µA
ICCH
VIN = GND or VCC
ICCZ
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5.0V ±10%
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. Duration of the condition can not exceed one second.
5. The test limit for this parameter is ±5
μA at TA = -55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
IO
OutputDriveCurrent
VCC = Max., VO = 2.5V(3)
–50
—
–180
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –3mA
2.5
3.5
—
VIN = VIH or VIL
IOH = –15mA
2.4
3.5
—
V
IOH = –32mA(4)
23
—
VOH
OutputLOWVoltage
VCC = Min.
IOL = 64mA
—
0.2
0.55
V
VIN = VIH or VIL
IOFF
Input/OutputPowerOffLeakage(5)
VCC = 0V, VIN or VO
≤ 4.5V
—
—
±1
μA
OUTPUT DRIVE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com