Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT16952CTPVG Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 74FCT16952CTPVG
Description  FAST CMOS 16-BIT REGISTERED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT16952CTPVG Datasheet(HTML) 7 Page - Renesas Technology Corp

  74FCT16952CTPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
IDT74FCT16952AT/CT/ET
FASTCMOS16-BITREGISTEREDTRANSCEIVER
INDUSTRIALTEMPERATURERANGE
ORDERING INFORMATION
XX
Temp. Range
XXXX
Device Type
X
Package
PV
PA
Shrink Small Outline Package (PVG48)
Thin Shrink Small Outline Package (PAG48)
− 40°C to +85°C
74
16
Double-Density, 5 Volt, High Drive
952AT
952CT
952ET
16-Bit Registered Transceiver
Tube
Tape and Reel
X
Blank
8
X
G
Green
FCT
XXX
Family
Datasheet Document History
09/28/2009
Pg. 7
Updated the ordering information by removing the "IDT" notation and non RoHS part.
09/25/2017
Pg. 1, 2, 5, 7
Addedtableunderpinconfigurationdiagramwithdetailedpackageinformation.Updatedtheorderinginformation
diagram by adding Tube, Tape and Reel. Added orderable part information table.
05/07/2018
Pg. 2-7
Corrected typo in device name header.
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
A
74FCT16952ATPAG
PAG56
TSSOP
I
74FCT16952ATPAG8
PAG56
TSSOP
I
74FCT16952ATPVG
PVG56
SSOP
I
74FCT16952ATPVG8
PVG56
SSOP
I
C
74FCT16952CTPAG
PAG56
TSSOP
I
74FCT16952CTPAG8
PAG56
TSSOP
I
74FCT16952CTPVG
PVG56
SSOP
I
74FCT16952CTPVG8
PVG56
SSOP
I
E
74FCT16952ETPAG
PAG56
TSSOP
I
74FCT16952ETPAG8
PAG56
TSSOP
I
74FCT16952ETPVG
PVG56
SSOP
I
74FCT16952ETPVG8
PVG56
SSOP
I



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com