Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT16952CTPVG Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 74FCT16952CTPVG
Description  FAST CMOS 16-BIT REGISTERED TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT16952CTPVG Datasheet(HTML) 4 Page - Renesas Technology Corp

  74FCT16952CTPVG Datasheet HTML 1Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 2Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 3Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 4Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 5Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 6Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 7Page - Renesas Technology Corp 74FCT16952CTPVG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FCT16952AT/CT/ET
FASTCMOS16-BITREGISTEREDTRANSCEIVER
Symbol
Parameter
TestConditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply
VCC = Max.
—
0.5
1.5
mA
Current TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply Current(4)
VCC = Max.,
VIN = VCC
—
75
120
µA/
OutputsOpen
VIN = GND
MHz
xOEAB = xOEBA = GND
OneInputToggling
50% Duty Cycle
IC
TotalPowerSupplyCurrent(6)
VCC = Max., Outputs Open
VIN = VCC
—
0.8
1.7
mA
fCP = 10MHz (xCLKAB)
VIN = GND
50% Duty Cycle
xOEAB = xCEAB = GND
xOEBA = VCC
VIN = 3.4V
—
1.3
3.2
fi = 5MHz
VIN = GND
50% Duty Cycle
OneBitToggling
VCC = Max., Outputs Open
VIN = VCC
—
3.8
6.5(5)
fCP = 10MHz (xCLKAB)
VIN = GND
50% Duty Cycle
xOEAB = xCEAB = GND
xOEBA = VCC
VIN = 3.4V
—
8.3
20(5)
fi = 2.5MHz
VIN = GND
50% Duty Cycle
SixteenBitsToggling
POWER SUPPLY CHARACTERISTICS
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com