Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-07E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 9Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.advantech.com/products
Online Download
AIM-78H
Dimensions
Unit: mm
280
Environment
Operating Temperature
0 ~ 40 °C (32 ~ 104 °F)
Storage Temperature
-20 ~ 60 °C (-4 ~ 140°F)
IP Rating
IP65
Shock
Operating: 10 ~ 20 G, 11 ms; Non-operating: 50 G ,11 ms
Vibration
Operating: (5 ~ 500 Hz) 0.5 ~ 1 G; Non-operating: (5 ~ 500 Hz) 0.04 PSD
Humidity
Operating: 10 ~ 90% @ 40 °C non-condensing
Storage: 10 ~ 95% non-condensing
Drop Tested
Up to 120 cm (4 ft) onto plywood over concrete
Physical Characteristics
Dimension (W x D x H)
280 x 18.3 x 180.1 mm (11 x 0.7 x 7.1 in)
Weight
980 g (2.2 lb)
Color
White Blue
Certifications
IEC/UL/EN 60601-1, FCC/IC, CE, NCC/BSMI, TELEC/VCCI, RCM, CCC/SRRC
DeviceOn/iService
Remote Device Management
Operating System
Android 10
Common Controls
(Reboot, Shutdown)
V
Device-Specific Controls
(Audio, Backlight)
V
Connection Status
V
Hardware Status
V*
Batch Operation Support
V
OTA Storage Management
Local blob
APP OTA Updates
V
Software Watchlist
V
Software Start/Stop
V
Peripherals Watchlist
V*
* USB 3.0 Type-C will be disabled while the AIM-78H is in the docking mode
** DeviceOn/iService software must be downloaded from the Advantech website at https://www.advantech.com/search/?q=DeviceOn%2FiService&st=support&sst=Utility
Specifications (Cont.)
** Dependant on device model



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com