Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-07E Datasheet(PDF) 6 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 6 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 9Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.advantech.com/products
Online Download
Features
Dimensions
Unit: mm
Specifications
Advanced Desk Docking Station
Desk Docking Station with USB
I/O
2 x USB 2.0
1 x RS-232 COM
1 x Power jack
1 x HDMI
1 x Battery charging bay
2 x USB 2.0
1 x Power jack
Power
Input Voltage
19 V
19 V
Mechanical
Dimensions (W x D x H)
196 x 169.44 x 122.12 mm (7.72 x 6.67 x 4.81 in)
196 x 169.44 x 122.12 mm (7.72 x 6.67 x 4.81 in)
Weight
0.76 kg (1.68 lb)
0.75 kg (1.65 lb)
Environment
Operating Temperature
-10 ~ 50 °C (14 ~122 °F);
0 ~ 40 °C (32 ~104 °F) for charging
-10 ~ 50 °C (14 ~122 °F);
0 ~ 40 °C (32 ~104 °F) for charging
Storage Temperature
-20 ~ 70 °C (-4 ~ 158 °F)
-20 ~ 70 °C (-4 ~ 158 °F)
Safety
CE, FCC, CCC
UL, CB, LVD, CCC
Certifications
UL, CB, LVD, CCC
CE, FCC, CCC
Ordering Information
Part Number
Description
AIM-OFD0-0001
AIM 10 advanced desk dock station
AIM-OFD0-0003
AIM 10 desk dock station with USB
Packing List
Item
AIM-OFD0-0001
AIM-OFD0-0003
1
1 x Office Dock(Advanced I/O)
1 x Office Dock (Charging & USB Only)
Note: The packing list doesn’t Include adapter and power cord. Please order based on following PNs.
ƒ
-10 ~ 50 °C (14 ~122 °F) operating temperature
ƒ
Reliable docking connector for office applications
196
158.45
Optional Accessories
Part Number
Description
XAIM-FSP065-DBCM1
Adapter A/D 100-240V 65W 19V C8 DC JACK MEDICAL
1700029083-01
Power cable, UL, 2P, 10A, 125V, 112 cm (US)
1700001949
Power Cord(UK) BSI 2P 2.5A 250V 183cm
1700029278-01
Power Cord (Japan) PSE 2P 7A 125V 183cm
1700029279-01
Power Cord (NZ/AU) SAA 2P 2.5A 250V 183 cm
1700008972
Power cord (China)CCC 2P 2.5A 250 V 183 cm
1700001948-11
Power cord (EU) EU 2P 2.5A 250 V 183 cm
1700021662-01
Power Cord (TW) BSMI 2P 2.5A 125V 183cm
AIM-78H Desk Docking Station



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com