Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-07E Datasheet(PDF) 9 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 9 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 9Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
AIM-78H Extensions and Accessories
Extension Modules
Accessories
Hand Strap
Shoulder Strap
(Portrait)
Shoulder Strap
(Landscape)
Battery with Meter
Part Number
AIM-SRP0-0000
AIM-SRP0-0001
AIM-SRP0-0002
AIM-BATO-0452
Features
Black
With one stylus holder
Black
With one stylus holder
Black
With one stylus holder
Black
Dimensions
240 x 20 mm
(9.44 x 0.78 in)
380 x 135 x 20 mm
(14.96 x 5.31 x 0.78 in)
1820 x 20 mm
(71.65 x 0.78 in)
120 x 87 x 7.5 mm
(4.72 x 3.43 x 0.30 in)
Weight
0.022 kg (0.048 lb)
0.05 kg (0.11 lb)
0.05 kg (0.11 lb)
0.147 kg (0.324 lb)
Active Stylus
Part Number
AIM-P704
Features
Black
Dimensions
140 x 9.7 mm (5.51 x 0.38 in)
Weight
0.02 kg (0.044 lb)
Barcode Scanner (20°)
Barcode Scanner (70°)
Part Number
AIM-BCRS-0020
AIM-BCRS-0070
Features
ƒ
Sensor: 640 x 480 CMOS sensor
ƒ
Illumination & Aiming: White LED illuminatoin/Red LED dot aimer
ƒ
Frame rate: 30 fps
ƒ
Field of view: Horizontal: 37.8°; Vertical: 28.8°
ƒ
Sensor: 640 x 480 CMOS sensor
ƒ
Illumination & Aiming: White LED illuminatoin/Red LED dot aimer
ƒ
Frame rate: 30 fps
ƒ
Field of view: Horizontal: 37.8°; Vertical: 28.8°
Dimensions
130.2 x 38.7 x 27.8 mm (5.12 x 1.52 x 1.09 in)
130.2 x 38.7 x 32 mm (5.12 x 1.52 x 1.25 in)
Weight
0.042 kg (0.092 lb)
0.042 kg (0.092 lb)
Stylus Holder



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com