Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7482ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADT7482ARMZ
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7482ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADT7482ARMZ Datasheet HTML 14Page - Analog Devices ADT7482ARMZ Datasheet HTML 15Page - Analog Devices ADT7482ARMZ Datasheet HTML 16Page - Analog Devices ADT7482ARMZ Datasheet HTML 17Page - Analog Devices ADT7482ARMZ Datasheet HTML 18Page - Analog Devices ADT7482ARMZ Datasheet HTML 19Page - Analog Devices ADT7482ARMZ Datasheet HTML 20Page - Analog Devices ADT7482ARMZ Datasheet HTML 21Page - Analog Devices ADT7482ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADT7482
Rev. 0 | Page 18 of 24
1
19
1
00
1
1
0
0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
SCL
SD
9
A
START BY
MASTER
ACK. BY
ADT7482
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
SCL (CONTINUED)
SDA (CONTINUED)
ACK. BY
ADT7482
ACK. BY
ADT7482
STOP BY
MASTER
9
1
D7
D6
D5
D4
D3
D2
D1
D0
Figure 17. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
1
19
1
00
1
1
0
0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
SCL
9
SDA
START BY
MASTER
ACK. BY
ADT7482
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
ADT7482
STOP BY
MASTER
Figure 18. Writing to the Address Pointer Register Only
SCL
SDA
START BY
MASTER
ACK. BY
ADT7482
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE FROM ADT7482
NO ACK.
BY MASTER
STOP BY
MASTER
19
1
9
1
0
0
1
1
0
0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Figure 19. Reading from a Previously Selected Register
Reading Data from a Register
When reading data from a register there are two possibilities:
•
If the ADT7482 address pointer register value is unknown
or not the desired value, it is first necessary to set it to the
correct value before data can be read from the desired data
register. This is done by performing a write to the
ADT7482 as before, but only the data byte containing the
register read address is sent, as data is not to be written to
the register. This is shown in Figure 18.
A read operation is then performed consisting of the serial
bus address, R/W bit set to 1, followed by the data byte
read from the data register. This is shown in Figure 19.
•
If the address pointer register is known to be already at the
desired address, data can be read from the corresponding
data register without first writing to the address pointer
register and the bus transaction shown in Figure 18 can be
omitted.
When reading data from a register, it is important to note the
following points:
1.
It is possible to read a data byte from a data register
without first writing to the address pointer register.
However, if the address pointer register is already at the
correct value, it is not possible to write data to a register
without writing to the address pointer register. This is
because the first data byte of a write is always written to the
address pointer register.
2.
Remember that some of the ADT7482 registers have
different addresses for read and write operations. The write
address of a register must be written to the address pointer
if data is to be written to that register, but it may not be
possible to read data from that address. The read address of
a register must be written to the address pointer before
data can be read from that register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com