Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7482ARMZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADT7482ARMZ
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7482ARMZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADT7482ARMZ Datasheet HTML 16Page - Analog Devices ADT7482ARMZ Datasheet HTML 17Page - Analog Devices ADT7482ARMZ Datasheet HTML 18Page - Analog Devices ADT7482ARMZ Datasheet HTML 19Page - Analog Devices ADT7482ARMZ Datasheet HTML 20Page - Analog Devices ADT7482ARMZ Datasheet HTML 21Page - Analog Devices ADT7482ARMZ Datasheet HTML 22Page - Analog Devices ADT7482ARMZ Datasheet HTML 23Page - Analog Devices ADT7482ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADT7482
Rev. 0 | Page 20 of 24
low temperature limits, the ALERT output is asserted low. An
open-circuit fault on the remote diode also causes ALERT to
assert. ALERT is reset when serviced by a master reading its
device address, provided the error condition has gone away, and
the status register has been reset.
The THERM output asserts low if the Remote 1, Remote 2, or
local temperature exceeds the programmed THERM limits. The
THERM temperature limits should normally be equal to or
greater than the high temperature limits. THERM is reset
automatically when the temperature falls back within the
(THERM − hysteresis) limit. The local and remote THERM
limits are set by default to 85°C. A hysteresis value can be
programmed, in which case, THERM resets when the
temperature falls to the limit value minus the hysteresis value.
This applies to both local and remote measurement channels.
The power-on hysteresis default value is 10°C, but this can be
reprogrammed to any value after power-up.
The hysteresis loop on the THERM outputs is useful when
THERM is used for on/off control of a fan. The system can be
set up so that when THERM asserts, a fan can be switched on to
cool the system. When THERM goes high again, the fan can be
switched off. Programming a hysteresis value protects from fan
jitter, where the temperature hovers around the THERM limit,
and the fan is constantly being switched on and off.
Table 17. THERM Hysteresis
THERM Hysteresis
Binary Representation
0°C
0 000 0000
1°C
0 000 0001
10°C
0 000 1010
If the ADT7482 is in the default temperature range (0°C to 127°C),
then THERM hysteresis must be less than the THERM limit.
Figure 21 shows how the THERM and ALERT outputs operate.
If desired, use the ALERT output as a SMBALERT to signal to
the host via the SMBus that the temperature has risen. Use the
THERM output to turn on a fan to cool the system, if the
temperature continues to increase. This method ensures that
there is a fail-safe mechanism to cool the system, without the
need for host intervention.
1
3
2
4
THERM LIMIT
HIGH TEMP LIMIT
THERM LIMIT-HYSTERESIS
RESET BY MASTER
ALERT
THERM
100°C
TEMPERATURE
90°C
80°C
70°C
60°C
50°C
40°C
Figure 21. Operation of the ALERT and THERM Interrupts
1.
If the measured temperature exceeds the high temperature
limit, the ALERT output asserts low.
2.
If the temperature continues to increase and exceeds the
THERM limit, the THERM output asserts low. This can be
used to throttle the CPU clock or switch on a fan.
3.
The THERM output de-asserts (goes high) when the
temperature falls to THERM limit minus hysteresis. In
Figure 21, the default hysteresis value of 10°C is shown.
4.
The ALERT output de-asserts only when the temperature
has fallen below the high temperature limit, and the master
has read the device address and cleared the status register.
Pin 8 on the ADT7482 can be configured as either an ALERT
output or as an additional THERM output. THERM2 asserts
low when the temperature exceeds the programmed local
and/or remote high temperature limits. It is reset in the same
manner as THERM, and it is not maskable. The programmed
hysteresis value applies to THERM2 also.
Figure 22 shows how THERM and THERM2 might operate
together to implement two methods of cooling the system. In
this example, the THERM2 limits are set lower than the
THERM limits. The THERM2 output could be used to turn on
a fan. If the temperature continues to rise and exceeds the
THERM limits, the THERM output could provide additional
cooling by throttling the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com