Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6654/PCB Datasheet(PDF) 41 Page - Analog Devices

Part # AD6654/PCB
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB Datasheet(HTML) 41 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 37Page - Analog Devices AD6654/PCB Datasheet HTML 38Page - Analog Devices AD6654/PCB Datasheet HTML 39Page - Analog Devices AD6654/PCB Datasheet HTML 40Page - Analog Devices AD6654/PCB Datasheet HTML 41Page - Analog Devices AD6654/PCB Datasheet HTML 42Page - Analog Devices AD6654/PCB Datasheet HTML 43Page - Analog Devices AD6654/PCB Datasheet HTML 44Page - Analog Devices AD6654/PCB Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
AD6654
Rev. 0 | Page 41 of 88
INTERMEDIATE DATA ROUTER
Following the FIR-HB cascade filters is the intermediate data
router. This data router consists of muxes that allow the I and Q
data from any channel front end (input port + NCO + CIC +
FIRHB) to be processed by any channel back end (MRCF +
DRCF + CRCF). The choice of channel front end is made by
programming a 3-bit MRCF data select word in the MRCF
control register. The valid values for this word and their
corresponding settings are listed in Table 19.
Table 19. Data Router Select Settings
MRCF Data Select[2:0]
Data Source
000
Channel 0
001
Channel 1
010
Channel 2
011
Channel 3
1x0
Channel 4
1x1
Channel 5
Allowing different channel back ends to select different channel
front ends is useful in the polyphase implementation of filters.
When multiple AD6654 channels are used to process a single
carrier, a single-channel front end feeds more than one channel
back end. After processing through the channel back ends (RCF
filters), the data is interleaved back from all the polyphased
channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com