Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6654/PCB Datasheet(PDF) 62 Page - Analog Devices

Part # AD6654/PCB
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB Datasheet(HTML) 62 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 58Page - Analog Devices AD6654/PCB Datasheet HTML 59Page - Analog Devices AD6654/PCB Datasheet HTML 60Page - Analog Devices AD6654/PCB Datasheet HTML 61Page - Analog Devices AD6654/PCB Datasheet HTML 62Page - Analog Devices AD6654/PCB Datasheet HTML 63Page - Analog Devices AD6654/PCB Datasheet HTML 64Page - Analog Devices AD6654/PCB Datasheet HTML 65Page - Analog Devices AD6654/PCB Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
AD6654
Rev. 0 | Page 62 of 88
MSBFIRST
SCS
MODE
SDI
SDO
0xaa
0x83
BLOCK START
ADDRESS
RD + COUNT (3)
aa
aa + 1
DATA FROM BLOCK START
ADDRESS
DATA FROM BLOCK START
ADDRESS + 1
DATA FROM BLOCK START
ADDRESS + 2
aa + 2
Figure 64. Serial Read of Three Bytes with MSBFIRST = 0 (All Words are Written or Read LSB First)
SPI MODE TIMING
In SPI mode, the SCLK should run only when data is being
transferred and SCS is logic low. If SCLK runs when SCS is logic
high, the internal shift register continues to run and instruction
words or data are lost. No external framing is necessary. The
SCS pin can be pulled low once for each byte of transfer, or kept
low for the whole length of the transfer.
SPI Write
Data on the SDI pin is registered on the rising edge of SCLK.
During a write, the serial port accumulates eight input bits
of data before transferring one byte to the internal registers.
Figure 65 and Figure 66 show one byte block transfer for
writing in MSBFIRST and LSBFIRST modes.
MSBFIRST
SCLK
SDI
SDO
MODE
SCS
SMODE
A7
A6
A5
A4
A3
BLOCK END ADDRESS
BLOCK COUNT (Nx)
WRITE
A2
A1
A0
0
N6N5
N4N3
N2N1
N0
D7D6
D5D4
D3D2
D1D0
Figure 65. SPI Write MSBFIRST = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com