Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6654/PCB Datasheet(PDF) 67 Page - Analog Devices

Part # AD6654/PCB
Description  14-Bit, 92.16 MSPS, 4-/6-Channel Wideband IF to Baseband Receiver
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6654/PCB Datasheet(HTML) 67 Page - Analog Devices

Back Button AD6654/PCB Datasheet HTML 63Page - Analog Devices AD6654/PCB Datasheet HTML 64Page - Analog Devices AD6654/PCB Datasheet HTML 65Page - Analog Devices AD6654/PCB Datasheet HTML 66Page - Analog Devices AD6654/PCB Datasheet HTML 67Page - Analog Devices AD6654/PCB Datasheet HTML 68Page - Analog Devices AD6654/PCB Datasheet HTML 69Page - Analog Devices AD6654/PCB Datasheet HTML 70Page - Analog Devices AD6654/PCB Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
AD6654
Rev. 0 | Page 67 of 88
PROGRAMMING INDIRECT ADDRESSED REGISTERS
USING SERIAL PORT
This section gives examples for programming CRCF coefficient
RAM (with an indirect addressing scheme) using the serial port
(either SPI or SPORT modes). Though the following specific
examples are for CRCF coefficient RAM programming, they can
be extended to other indirect addressed registers like DRCF
coefficient RAM. There are four possible programming scenarios,
and examples are given for all scenarios using two commands:
SerialWrite(data) and SerialRead. These commands signify an 8-
bit write to, or an 8-bit read from, the serial port (SPI or SPORT).
SerialWrite(8-bit number):
is an 8-bit write to SPI or SPORT. In
SPI mode, the SCLK is toggled eight times while SCS is pulled low.
In SPORT mode, SCS is pulled low, SRFS is held high for one
SCLK cycle, and eight bits of data are shifted into the SDI pin
following the SRFS pulse. Though the 8-bit number argument
shown in the following code is always shown MSBFIRST, it is
written with MSB shifting into the device first in MSBFIRST
mode, and it is written with LSB shifting into the device first in
LSBFIRST mode.
SerialRead():
is an 8-bit read from the SDO pin in SPI or SPORT
modes. In SPI mode, the SCLK toggles eight times while SCS is
low. In SPORT mode, SCS is pulled low, STFS is held high for one
SCLK cycle, and then the eight bits of data that shifted out on
SDO following the STFS pulse are read. The data shifted out
should be interpreted based on the polarity of the MSBFIRST pin.
MSBFIRST Mode Using Single Byte Block Transfers
SerialWrite(0x98); //CRCF Start Address
SerialWrite(0x01);
SerialWrite(0x00);
SerialWrite(0x99); //CRCF Final Address
SerialWrite(0x01);
SerialWrite(N-1);
//N is the number of coefficients
for (i=0 ; i < N; i++) {
//writing registers
SerialWrite(0x9E);
//MSB written first
SerialWrite(0x01);
//data bits[23:16]
SerialWrite(coeff[i] >> 16 & 0xFF);
SerialWrite(0x9D);
SerialWrite(0x01);
//data bits[15:8]
SerialWrite(coeff[i] >> 8 & 0xFF);
SerialWrite(0x9C);
//LSB written last
SerialWrite(0x01);
//data bits[7:0]
SerialWrite(coeff[i] & 0xFF);
}
SerialWrite(0x98); //CRCF Start Address
SerialWrite(0x01);
SerialWrite(0x00);
SerialWrite(0x99); //CRCF Final Address
SerialWrite(0x01);
SerialWrite(N-1);
//N is the number of coefficients
for (i=0 ; i < N; i++) {
//reading registers
SerialWrite(0x9E);
//MSB readback first
SerialWrite(0x81);
//data bits[23:16]
Coeff[i] = SerialRead() << 16;
SerialWrite(0x9D);
SerialWrite(0x81);
//data bits[15:8]
Coeff[i] |= SerialRead() << 8;
SerialWrite(0x9C);
//LSB readback last
SerialWrite(0x81);
//data bits[7:0]
Coeff[i] |= SerialRead();
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com