Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT616MLSS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMT616MLSS
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT616MLSS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMT616MLSS Datasheet HTML 1Page - Diodes Incorporated DMT616MLSS Datasheet HTML 2Page - Diodes Incorporated DMT616MLSS Datasheet HTML 3Page - Diodes Incorporated DMT616MLSS Datasheet HTML 4Page - Diodes Incorporated DMT616MLSS Datasheet HTML 5Page - Diodes Incorporated DMT616MLSS Datasheet HTML 6Page - Diodes Incorporated DMT616MLSS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMT616MLSS
Document number: DS41501 Rev. 2 - 2
1 of 7
www.diodes.com
March 2019
© Diodes Incorporated
DMT616MLSS
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
60V
14
mΩ @ VGS = 10V
10A
21
mΩ @ VGS = 4.5V
8.1A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and maintain superior switching performance, which makes
it ideal for high-efficiency power management applications.
High-Frequency Switching
Synchronous Rectification
DC-DC Converters
Features and Benefits
100% Unclamped Inductive Switching (UIS) Test in Production
—
Ensures More Reliable and Robust End Application
High Conversion Efficiency
Low RDS(ON)—Minimizes On-State Losses
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.076 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMT616MLSS-13
SO-8
2500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
e3
= Manufacturer’s Marking
T616MLS = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Year (ex: 19 = 2019)
WW = Week (01 to 53)
1
4
8
5
N3016LS
WW
YY
1
4
8
5
N3016LS
WW
YY
T616MLS
SO-8
D
S
G
Equivalent Circuit
Pin1
D
S
S
S
G
D
D
D
Pin-Out
Top View
Top View


Similar Part No. - DMT616MLSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT61M5SPSW DIODES-DMT61M5SPSW Datasheet
496Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2020 Rev. 3 - 2
DMT61M5SPSW-13 DIODES-DMT61M5SPSW-13 Datasheet
496Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2020 Rev. 3 - 2
DMT61M8SPS DIODES-DMT61M8SPS Datasheet
520Kb / 9P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2020 Rev. 7 - 2
DMT61M8SPS-13 DIODES-DMT61M8SPS-13 Datasheet
520Kb / 9P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
September 2020 Rev. 7 - 2
More results

Similar Description - DMT616MLSS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com