Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT616MLSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMT616MLSS
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT616MLSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMT616MLSS Datasheet HTML 1Page - Diodes Incorporated DMT616MLSS Datasheet HTML 2Page - Diodes Incorporated DMT616MLSS Datasheet HTML 3Page - Diodes Incorporated DMT616MLSS Datasheet HTML 4Page - Diodes Incorporated DMT616MLSS Datasheet HTML 5Page - Diodes Incorporated DMT616MLSS Datasheet HTML 6Page - Diodes Incorporated DMT616MLSS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMT616MLSS
Document number: DS41501 Rev. 2 - 2
2 of 7
www.diodes.com
March 2019
© Diodes Incorporated
DMT616MLSS
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
TA = +25°C
TA = +70°C
ID
10
8
A
Pulsed Drain Current (10
μs Pulse, Duty Cycle = 1%)
IDM
70
A
Maximum Continuous Body Diode Forward Current
IS
10
A
Pulsed Body Diode Forward Current (10µs Pulse, Duty Cycle = 1%)
ISM
70
A
Avalanche Current, L = 0.1mH
IAS
15.7
A
Avalanche Energy, L = 0.1mH
EAS
12.3
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
PD
1.39
W
Thermal Resistance, Junction to Ambient (Note 5)
RϴJA
90.1
°C/W
Total Power Dissipation (Note 6)
PD
2.06
W
Thermal Resistance, Junction to Ambient (Note 6)
RϴJA
60.7
°C/W
Thermal Resistance, Junction to Case (Note 6)
RϴJC
8.7
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1.2
2.2
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
10.9
14
m
Ω
VGS = 10V, ID = 8.5A
15.8
21
VGS = 4.5V, ID = 6A
Diode Forward Voltage
VSD
0.7
1.2
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
785
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
281
Reverse Transfer Capacitance
Crss
27
Gate Resistance
Rg
1.5
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
7.3
nC
VDS = 30V, ID = 10A
Total Gate Charge (VGS = 10V)
Qg
13.6
Gate-Source Charge
Qgs
2.2
Gate-Drain Charge
Qgd
3.4
Turn-On Delay Time
tD(ON)
3.2
ns
VGS = 10V, VDS = 30V,
RG = 6Ω, ID = 10A
Turn-On Rise Time
tR
4.4
Turn-Off Delay Time
tD(OFF)
14.7
Turn-Off Fall Time
tF
8.5
Reverse Recovery Time
tRR
23.0
ns
IF = 10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
14.1
nC
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PCB, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com