Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 62 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 62 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 58Page - fujitsu semiconductor MB90F482 Datasheet HTML 59Page - fujitsu semiconductor MB90F482 Datasheet HTML 60Page - fujitsu semiconductor MB90F482 Datasheet HTML 61Page - fujitsu semiconductor MB90F482 Datasheet HTML 62Page - fujitsu semiconductor MB90F482 Datasheet HTML 63Page - fujitsu semiconductor MB90F482 Datasheet HTML 64Page - fujitsu semiconductor MB90F482 Datasheet HTML 65Page - fujitsu semiconductor MB90F482 Datasheet HTML 66Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 113 page
background image
MB90480/485 Series
62
15. Timebase Timer
The timebase timer is an 18-bit free run counter (timebase counter) that counts up in synchronization with the
internal count clock signal (base oscillator
× 2) , and functions as an interval timer with a choice of four types of
time intervals. Other functions provided by this module include timer output for the oscillator stabilization wait
period, and operating clock signal feed for other timer circuits such as the watchdog timer.
(1) Register List
(2) Block Diagram
Timebase timer control register (TBTC)
0000A9H
Read/write
Initial value
X
X
R/W
0
R/W
0
W
1
R/W
0
R/W
0
15
14
13
12
11
10
9
8
R/W
1
RESV
TBIE
TBOF
TBR
TBC1
TBC0
TBIE TBOF TBR
RESV

TBC1 TBC0
OF
OF
OF
OF
× 21 × 22
× 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218
to PPG timer
Timebase
timer counter
HCLK
× 2
To watchdog
timer
Power-on reset
Counter
clear
control
circuit
Interval timer
selector
TBOF clear
Timebase timer control register (TBTC)
Timebase timer interrupt signal
Clock control module
Oscillator stabilization
wait
To time selector
TBOF
set
: Not used
OF
: Overflow
HCLK : Oscillator clock
*1
: Switch machine clock from main clock or sub clock to PLL clock.
*2
: Switch machine clock from sub clock to main clock.
Stop mode start
Hold status start
CKSCR : MCS
= 1→0*1
CKSCR : SCS
= 0→1*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com