Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 64 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 64 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 60Page - fujitsu semiconductor MB90F482 Datasheet HTML 61Page - fujitsu semiconductor MB90F482 Datasheet HTML 62Page - fujitsu semiconductor MB90F482 Datasheet HTML 63Page - fujitsu semiconductor MB90F482 Datasheet HTML 64Page - fujitsu semiconductor MB90F482 Datasheet HTML 65Page - fujitsu semiconductor MB90F482 Datasheet HTML 66Page - fujitsu semiconductor MB90F482 Datasheet HTML 67Page - fujitsu semiconductor MB90F482 Datasheet HTML 68Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
MB90480/485 Series
64
(2) Block Diagram
SCM
HCLK
SCLK
MCM WS1 WS0 SCS MCS CS1 CS0
STP SLP SPL RST TMD CG1 CG0
Re-
served
2
2
X0A
X1A
RST
X0
X1
MCLK

 PLL2
Low-power mode control register (LPMCR)
Interrupt release
CPU internal
operation selec
tor
Pin high-impedance
control circuit
Clock
selector
Sub clock
generator
circuit
pin
Oscillator
stabiliza-
tion wait
period
selector
Clock select register (CKSCR)
Timebase
timer
pin
Peripheral
clock control
circuit
Internal reset
generator circuit
Standby control circuit
PLL multiplier
circuit
pin
pin
To watchdog timer
×
1024
HCLK : Oscillator clock
MCLK : Main clock
SCLK : Sub clock
Standby control
circuit
CPU clock
control circuit
pin
System
clock
generator
circuit
× 2
× 2
× 4
× 4
× 4
× 2
Clock generator module
Machine clock
Oscillator stabilization wait release
Pin
high-impedance
control
CPU clock
Internal reset
Stop, sleep signals
Stop signal
Peripheral
clock
Intermittent cycle selection
× 4
PLL output select register (PLLOS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com