Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482 Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB90F482
Description  16-bit Proprietary Microcontroller CMOS
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482 Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB90F482 Datasheet HTML 7Page - fujitsu semiconductor MB90F482 Datasheet HTML 8Page - fujitsu semiconductor MB90F482 Datasheet HTML 9Page - fujitsu semiconductor MB90F482 Datasheet HTML 10Page - fujitsu semiconductor MB90F482 Datasheet HTML 11Page - fujitsu semiconductor MB90F482 Datasheet HTML 12Page - fujitsu semiconductor MB90F482 Datasheet HTML 13Page - fujitsu semiconductor MB90F482 Datasheet HTML 14Page - fujitsu semiconductor MB90F482 Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
MB90480/485 Series
11
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP*1 QFP*2
74
76
P56
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the RYE
bit in the EPCR register is set to “1”, this pin functions as the RDY pin.
RDY
In external bus mode, this pin functions as the external ready (RDY) input
pin. When the RYE bit in the EPCR register is set to “0”, this pin functions
as a general purpose I/O port.
76
78
P57
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the CKE
bit in the EPCR register is set to “1”, this pin functions as the CLK pin.
CLK
In external bus mode, this pin functions as the machine cycle clock (CLK)
output pin. When the CKE bit in the EPCR register is set to “0”, this pin
functions as a general purpose I/O port.
36 to 39
38 to
41
P60 to P63
H
(CMOS)
These are general purpose I/O ports.
AN0 to AN3
These are the analog input pins.
41 to 44
43 to
46
P64 to P67
H
(CMOS)
These are general purpose I/O ports.
AN4 to AN7
These are the analog input pins.
25
27
P70
G
(CMOS/
H)
This is a general purpose I/O port.
SIN0
This is the UART data input pin.
26
28
P71
F
(CMOS)
This is a general purpose I/O port.
SOT0
This is the UART data output pin.
27
29
P72
G
(CMOS/
H)
This is a general purpose I/O port.
SCK0
This is the UART clock I/O pin.
28
30
P73
G
(CMOS/
H)
This is a general purpose I/O port.
TIN0
This is the 16-bit reload timer event input pin.
29
31
P74
F
(CMOS)
This is a general purpose I/O port.
TOT0
This is the 16-bit reload timer output pin.
30
32
P75
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
P75
G
(CMOS/
H
)
MB90485
series
This is a general purpose I/O port.
PWC2*3
This is a PWC input pin.
31
33
P76
F (CMOS)
MB90480
series
This is a general purpose I/O port.
P76
I
(NMOS/
H)
MB90485
series
This is a general purpose I/O port.
SCL*3
Serves as the I2C interface data I/O pin. During operation of the
I2C interface, leave the port output in a high impedance state.
32
34
P77
F (CMOS)
MB90480
series
This is a general purpose I/O port.
P77
I
(NMOS/
H)
MB90485
series
This is a general purpose I/O port.
SDA*3
Serves as the I2C interface data I/O pin. During operation of the
I2C interface, leave the port output in a high impedance state.
45,
46
47,
48
P80, P81
E
(CMOS/
H
)
These are general purpose I/O ports.
IRQ0, IRQ1
External interrupt input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com