Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT-503GB Datasheet(PDF) 2 Page - Yuechung International Corp.

Part # GT-503GB
Description  GPS & BDS Receiver (G-Mouse)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

GT-503GB Datasheet(HTML) 2 Page - Yuechung International Corp.

  GT-503GB Datasheet HTML 1Page - Yuechung International Corp. GT-503GB Datasheet HTML 2Page - Yuechung International Corp. GT-503GB Datasheet HTML 3Page - Yuechung International Corp. GT-503GB Datasheet HTML 4Page - Yuechung International Corp. GT-503GB Datasheet HTML 5Page - Yuechung International Corp. GT-503GB Datasheet HTML 6Page - Yuechung International Corp. GT-503GB Datasheet HTML 7Page - Yuechung International Corp. GT-503GB Datasheet HTML 8Page - Yuechung International Corp. GT-503GB Datasheet HTML 9Page - Yuechung International Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
GT Series
Yuechung International Corp. (YIC)
2
URL: www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
1.4 Product Specifications
GNSS Performance
GNSS Receiver
Chip
MediaTek
Frequency
GPS/QZSS L1 C/A
BeiDou B1
SBAS L1 C/A:WAAS, EGNOS, MSAS
Channels
Support 99 channels (33 Tracking, 99 Acquisition)
Update rate
1Hz default, up to 10Hz
Sensitivity
Tracking
-161dBm, up to -165dBm (with external LNA)
Cold start
-142.5dBm, up to -148dBm (with external LNA)
Acquisition Time
Hot start (Open Sky)
< 1s
Cold Start (Open Sky)
< 38s
< 18s with AGPS
Position
Accuracy
Autonomous
5m (2D RMS).
SBAS
2.5m (depends on accuracy of correction data).
Max. Altitude
< 18,000 m, up to 50,000m by request
Max. Velocity
Velocity < 515 m/s
Protocol Support
NMEA 0183
9600 bps, 8 data bits, no parity, 1 stop bits
(default) 1Hz: GGA, GLL, GSA, GSV, RMC,
VTG
Physical Characteristic
Dimensions
55.0mm * 46.0 mm * 14.5mm ±0.2mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com