Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT-503GB Datasheet(PDF) 4 Page - Yuechung International Corp.

Part # GT-503GB
Description  GPS & BDS Receiver (G-Mouse)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

GT-503GB Datasheet(HTML) 4 Page - Yuechung International Corp.

  GT-503GB Datasheet HTML 1Page - Yuechung International Corp. GT-503GB Datasheet HTML 2Page - Yuechung International Corp. GT-503GB Datasheet HTML 3Page - Yuechung International Corp. GT-503GB Datasheet HTML 4Page - Yuechung International Corp. GT-503GB Datasheet HTML 5Page - Yuechung International Corp. GT-503GB Datasheet HTML 6Page - Yuechung International Corp. GT-503GB Datasheet HTML 7Page - Yuechung International Corp. GT-503GB Datasheet HTML 8Page - Yuechung International Corp. GT-503GB Datasheet HTML 9Page - Yuechung International Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
GT Series
Yuechung International Corp. (YIC)
4
URL: www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
2. Physical Dimension
(Different cables & connectors can be specified according to requirements)
P/N
Mount
Description
GT-503GB-MX4
Adhesive
(4 Pin Molex Connector)
GT-503MGB-MX4
Magnetic
(4 Pin Molex Connector)
I/O Interface
Voltage level
4 pin Molex Connector
UART(TTL level)
Pin
Pin define
Level
1
Vcc
3.0—5.0V DC
2
GND
Ground
3
TXD
TTL output
4
RXD
TTL Input
LED
GPS Status
Blinking Once: Power on
LED Blinking : Position fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com